Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM250-L Datasheet(PDF) 6 Page - Formosa MS

Part # FM250-L
Description  Chip Schottky Barrier Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM250-L Datasheet(HTML) 6 Page - Formosa MS

  FM250-L Datasheet HTML 1Page - Formosa MS FM250-L Datasheet HTML 2Page - Formosa MS FM250-L Datasheet HTML 3Page - Formosa MS FM250-L Datasheet HTML 4Page - Formosa MS FM250-L Datasheet HTML 5Page - Formosa MS FM250-L Datasheet HTML 6Page - Formosa MS FM250-L Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
01235
7898 







!"
"
#$
%
%
&&&'
(
)*+),1+,'
-)+%
./0$
11523233545555
678$
11523233545595
:;;<= >?@
AB
:;;<= >?@
AB
CD720
07EF7G/
H//0CI
J/
H//0
EKD0KL/L.
C07EI
LG
MK8
I
LL/H
MK8
H//0
NI
7O
E7H.KL
CI
J/
E7H.KL
700HK8'
GHKCCP/I
GQ.
RS2T
R#-,T
R+%
+T
R+%
+T
R+%
+T
R#-,T
R+%
+T
R#-,T
CD720
UV
3O
WWW
9'
W
3WO
WWW 51XY5UWY51X
5U1
X13YXZ5YX1U
55WO
WWW
5Z'
Z
5XV
UO
ZWW
9'
W
5ZO
WWW XXUYXXUYXU
XXW
XZWYXXWYX5W
53WO
WWW
59'
3
N)-[+3\"I
N
I
,,[3]N1"
3
H3^_
,3]N1"
3 H3^_
,_
)\
0123'
NC253553X
3WW1%
W3%
5W
3W5W%
WX%
5W
/
U
0*)(
_
`
3631"
[*3
C)`
]3*_
\2E)\]_
"
_
)\
7^3*123*1+#2[#*1"
3R.0"
).0T
aX %
,3-
0*3!31"
)
2.3+#3*1"
[*3D_
\R.,+_
\T
5ZWE
)
2.3+#3*1"
[*3D1bR.,+1bT
3WWE
2._
+3R+_
\"
)+1bTR"
,
T
5Wc53W,3-
.,+1b"
).0
)
2H1+#2[#H1"
3
aXE%
,3-
._
+3+1_
\"
1_
\3]1d)^3$
)
2.3+#3*1"
[*3R.0T
35UE
2._
+3R"
0
T
5Wc35W,3-
)
)
031S.3+#3*1"
[*3R.0T
3ZZE2W%
eZE
)
._
+3&_
"
!_
\ZE)(1-"
[1`031S
.3+#3*1"
[*3R"
0
T
)
H1+#2])&\H1"
3
a5E%
,3-
)
._
+33ZE"
)031S.3+#3*1"
[*3
a5+_
\["
3,
)E
X'
H3(
`
)&,)`
]3*_
\2
5WcXW,3-
5'
C"
)*1233\^_
*)\+3\"
$.3+#3*1"
[*3fZ c9W Q[+_
]_
"
gfZZhi3Zh
3'
H3(
`
)&,)`
]3*_
\2)(,[*(
1-32+)[\"]3^_
-3,
)
)
E
E
jBB; k;lkm;9 <=98n@
<
; n89 8<
l;9@
AB=98>; ;
8
k
opqk
8r; ?
7oostuvw:x7oosstu
深圳FMS
Kinter
131
6803
0058


Similar Part No. - FM250-L

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM250-L FORMOSA-FM250-L Datasheet
71Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM250-LN FORMOSA-FM250-LN Datasheet
72Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

Similar Description - FM250-L

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBD2020-G COMCHIP-CDBD2020-G Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD620-G COMCHIP-CDBD620-G Datasheet
94Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD2020-HF COMCHIP-CDBD2020-HF Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
logo
Formosa MS
LFM220 FORMOSA-LFM220 Datasheet
54Kb / 7P
   Chip Schottky Barrier Rectifier
FM5817-L FORMOSA-FM5817-L Datasheet
183Kb / 7P
   Chip Schottky Barrier Rectifier
logo
Comchip Technology
CDBD1020-HF COMCHIP-CDBD1020-HF Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD8060-G COMCHIP-CDBD8060-G Datasheet
59Kb / 3P
   Chip Schottky Barrier Rectifier
CDBD8060-HF COMCHIP-CDBD8060-HF Datasheet
76Kb / 3P
   Chip Schottky Barrier Rectifier
logo
Formosa MS
FM320-MHT FORMOSA-FM320-MHT Datasheet
60Kb / 7P
   Chip Schottky Barrier Rectifier
FM120-MT FORMOSA-FM120-MT Datasheet
65Kb / 7P
   Chip Schottky Barrier Rectifier
LFM120-MH1 FORMOSA-LFM120-MH1 Datasheet
65Kb / 7P
   Chip Schottky Barrier Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com