Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RHRP15120 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. RHRP15120
Description  15A, 1200V Hyperfast Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RHRP15120 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  RHRP15120 Datasheet HTML 1Page - Fairchild Semiconductor RHRP15120 Datasheet HTML 2Page - Fairchild Semiconductor RHRP15120 Datasheet HTML 3Page - Fairchild Semiconductor RHRP15120 Datasheet HTML 4Page - Fairchild Semiconductor RHRP15120 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2002 Fairchild Semiconductor Corporation
RHRP15120 Rev. B
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
VF
IF = 15A
-
-
3.2
V
IF = 15A, TC = 150
oC
-
-
2.6
V
IR
VR = 1200V
-
-
100
µA
VR = 1200V, TC = 150
oC
-
-
500
µA
trr
IF = 1A, dIF/dt = 100A/µs-
-
65
ns
IF = 15A, dIF/dt = 100A/µs-
-
75
ns
ta
IF = 15A, dIF/dt = 100A/µs
-
36
-
ns
tb
IF = 15A, dIF/dt = 100A/µs
-
28
-
ns
QRR
IF = 15A, dIF/dt = 100A/µs
-
150
-
nC
CJ
VR = 10V, IF = 0A
-
55
-
pF
RθJC
-
-
1.5
oC/W
DEFINITIONS
VF = Instantaneous forward voltage (pw = 300µs, D = 2%).
IR = Instantaneous reverse current.
trr = Reverse recovery time (See Figure 9), summation of ta + tb.
ta = Time to reach peak reverse current (See Figure 9).
tb = Time from peak IRM to projected zero crossing of IRM based on a straight line from peak IRM through 25% of IRM (See Figure 9).
QRR = Reverse recovery charge.
CJ = Junction capacitance.
RθJC = Thermal resistance junction to case.
pw = pulse width.
D = duty cycle.
Typical Performance Curves
FIGURE 1. FORWARD CURRENT vs FORWARD VOLTAGE
FIGURE 2. REVERSE CURRENT vs REVERSE VOLTAGE
VF, FORWARD VOLTAGE (V)
1
100
0.5
10
01
2
3
5
4
25oC
100oC
175oC
VR, REVERSE VOLTAGE (V)
0
400
800
1200
600
1000
1000
0.01
0.1
1
10
200
100
100oC
25oC
175oC
RHRP15120


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
RHRG15120CC 15A 1200V Hyperfast Dual Diode 1  2  3  4  Intersil Corporation
RHRP15120 15A 1200V Hyperfast Diode 1  2  3  4  Intersil Corporation
HGTG20N120CND 63A 1200V NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 1  2  3  4  5  More Intersil Corporation
RURG15120CC 15A 1200V Ultrafast Dual Diode 1  2  3  4  Intersil Corporation
RHRP15100 15A 1000V Hyperfast Diode 1  2  3  4  Intersil Corporation
RHRG30120 30A 1200V Hyperfast Diode 1  2  3  Intersil Corporation
RHRG30120CC 30A 1200V Hyperfast Dual Diode 1  2  3  Intersil Corporation
RHRG50120 50A 1200V Hyperfast Diode 1  2  Intersil Corporation
RHRG75120 75A 1200V Hyperfast Diode 1  2  3  Intersil Corporation
RURP15120 15A 1200V Ultrafast Diode 1  2  3  4  Intersil Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn