Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RHRP15120 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. RHRP15120
Description  15A, 1200V Hyperfast Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RHRP15120 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  RHRP15120 Datasheet HTML 1Page - Fairchild Semiconductor RHRP15120 Datasheet HTML 2Page - Fairchild Semiconductor RHRP15120 Datasheet HTML 3Page - Fairchild Semiconductor RHRP15120 Datasheet HTML 4Page - Fairchild Semiconductor RHRP15120 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
©2002 Fairchild Semiconductor Corporation
RHRP15120 Rev. B
Test Circuits and Waveforms
FIGURE 8. trr TEST CIRCUIT
FIGURE 9. trr WAVEFORMS AND DEFINITIONS
FIGURE 10. AVALANCHE ENERGY TEST CIRCUIT
FIGURE 11. AVALANCHE CURRENT AND VOLTAGE
WAVEFORMS
RG
L
VDD
IGBT
CURRENT
SENSE
DUT
VGE
t1
t2
VGE AMPLITUDE AND
t1 AND t2 CONTROL IF
RG CONTROL dIF/dt
+
-
dt
dIF
IF
trr
ta
tb
0
IRM
0.25 IRM
DUT
CURRENT
SENSE
+
LR
VDD
R < 0.1
EAVL = 1/2LI
2 [V
R(AVL) /(VR(AVL) - VDD)]
Q1 = IGBT (BVCES > DUT VR(AVL))
-
VDD
Q1
IMAX = 1A
L = 40mH
IV
t0
t1
t2
IL
VAVL
t
IL
RHRP15120


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
RHRG15120CC 15A 1200V Hyperfast Dual Diode 1  2  3  4  Intersil Corporation
RHRP15120 15A 1200V Hyperfast Diode 1  2  3  4  Intersil Corporation
HGTG20N120CND 63A 1200V NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 1  2  3  4  5  More Intersil Corporation
RURG15120CC 15A 1200V Ultrafast Dual Diode 1  2  3  4  Intersil Corporation
RHRP15100 15A 1000V Hyperfast Diode 1  2  3  4  Intersil Corporation
RHRG30120 30A 1200V Hyperfast Diode 1  2  3  Intersil Corporation
RHRG30120CC 30A 1200V Hyperfast Dual Diode 1  2  3  Intersil Corporation
RHRG50120 50A 1200V Hyperfast Diode 1  2  Intersil Corporation
RHRG75120 75A 1200V Hyperfast Diode 1  2  3  Intersil Corporation
RURP15120 15A 1200V Ultrafast Diode 1  2  3  4  Intersil Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn