Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RHRP15120 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. RHRP15120
Description  15A, 1200V Hyperfast Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RHRP15120 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  RHRP15120 Datasheet HTML 1Page - Fairchild Semiconductor RHRP15120 Datasheet HTML 2Page - Fairchild Semiconductor RHRP15120 Datasheet HTML 3Page - Fairchild Semiconductor RHRP15120 Datasheet HTML 4Page - Fairchild Semiconductor RHRP15120 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©2002 Fairchild Semiconductor Corporation
RHRP15120 Rev. B
FIGURE 3. trr, ta AND tb CURVES vs FORWARD CURRENT
FIGURE 4. trr, ta AND tb CURVES vs FORWARD CURRENT
FIGURE 5. trr, ta AND tb CURVES vs FORWARD CURRENT
FIGURE 6. CURRENT DERATING CURVE
FIGURE 7. JUNCTION CAPACITANCE vs REVERSE VOLTAGE
Typical Performance Curves (Continued)
IF, FORWARD CURRENT (A)
0.5
0
30
15
15
1
45
75
10
60
5
trr
ta
TC = 25
oC, dI
F/dt = 100A/µs
tb
IF, FORWARD CURRENT (A)
0.5
0
50
25
15
1
75
150
10
tb
5
trr
ta
125
100
TC = 100
oC, dI
F/dt = 100A/µs
IF, FORWARD CURRENT (A)
0.5
0
50
15
1
200
10
5
trr
ta
100
150
tb
TC = 175
oC, dI
F/dt = 100A/µs
15
3
0
100
115
145
175
160
6
9
12
TC, CASE TEMPERATURE (
oC)
130
DC
SQ. WAVE
VR, REVERSE VOLTAGE (V)
25
175
0
50
0
50
100
150
200
75
100
125
150
RHRP15120


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
RHRG15120CC 15A 1200V Hyperfast Dual Diode 1  2  3  4  Intersil Corporation
RHRP15120 15A 1200V Hyperfast Diode 1  2  3  4  Intersil Corporation
HGTG20N120CND 63A 1200V NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 1  2  3  4  5  More Intersil Corporation
RURG15120CC 15A 1200V Ultrafast Dual Diode 1  2  3  4  Intersil Corporation
RHRP15100 15A 1000V Hyperfast Diode 1  2  3  4  Intersil Corporation
RHRG30120 30A 1200V Hyperfast Diode 1  2  3  Intersil Corporation
RHRG30120CC 30A 1200V Hyperfast Dual Diode 1  2  3  Intersil Corporation
RHRG50120 50A 1200V Hyperfast Diode 1  2  Intersil Corporation
RHRG75120 75A 1200V Hyperfast Diode 1  2  3  Intersil Corporation
RURP15120 15A 1200V Ultrafast Diode 1  2  3  4  Intersil Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn