Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4459 Datasheet(PDF) 3 Page - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4459
Description  30V P-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd

AO4459 Datasheet(HTML) 3 Page - shenzhen wanhexing Electronics Co.,Ltd

  AO4459 Datasheet HTML 1Page - shenzhen wanhexing Electronics Co.,Ltd AO4459 Datasheet HTML 2Page - shenzhen wanhexing Electronics Co.,Ltd AO4459 Datasheet HTML 3Page - shenzhen wanhexing Electronics Co.,Ltd AO4459 Datasheet HTML 4Page - shenzhen wanhexing Electronics Co.,Ltd AO4459 Datasheet HTML 5Page - shenzhen wanhexing Electronics Co.,Ltd AO4459 Datasheet HTML 6Page - shenzhen wanhexing Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AO4459
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
17
5
2
10
0
18
0
5
10
15
20
25
30
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
-V
GS(Volts)
Figure 2: Transfer Characteristics (Note E)
10
20
30
40
50
60
70
80
0
2
4
6
8
10
-I
D (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage (Note E)
0.8
1
1.2
1.4
1.6
1.8
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
(Note E)
V
GS=-4.5V
I
D=-5A
V
GS=-10V
I
D=-6.5A
25
°
C
125
°
C
V
DS=-5V
V
GS=-4.5V
V
GS=-10V
0
5
10
15
20
25
30
35
40
0
1
2
3
4
5
-V
DS (Volts)
Fig 1: On-Region Characteristics (Note E)
V
GS=-3.5V
-4V
-6V
-8V
-10V
-5V
V
GS=-4.5V
40
0
5
10
15
20
25
30
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
-V
GS(Volts)
Figure 2: Transfer Characteristics (Note E)
10
20
30
40
50
60
70
80
0
2
4
6
8
10
-I
D (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage (Note E)
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-V
SD (Volts)
Figure 6: Body-Diode Characteristics (Note E)
25
°
C
125
°
C
0.8
1
1.2
1.4
1.6
1.8
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
(Note E)
V
GS=-4.5V
I
D=-5A
V
GS=-10V
I
D=-6.5A
20
40
60
80
100
120
2
4
6
8
10
-V
GS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
(Note E)
25
°
C
125
°
C
V
DS=-5V
V
GS=-4.5V
V
GS=-10V
I
D=-6.5A
25
°
C
125
°
C
0
5
10
15
20
25
30
35
40
0
1
2
3
4
5
-V
DS (Volts)
Fig 1: On-Region Characteristics (Note E)
V
GS=-3.5V
-4V
-6V
-8V
-10V
-5V
V
GS=-4.5V
Rev 2: Nov 2011
www.aosmd.com
Page 3 of 6
万和兴电子有限公司 www.whxpcb.com


Similar Part No. - AO4459

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4459 AOSMD-AO4459 Datasheet
131Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO4459 AOSMD-AO4459 Datasheet
604Kb / 6P
   30V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4459 KEXIN-AO4459 Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4459 VBSEMI-AO4459 Datasheet
959Kb / 8P
   P-Channel 30-V (D-S) MOSFET
logo
Guangdong Youtai Semico...
AO4459 UMW-AO4459 Datasheet
572Kb / 8P
   P-Channel MOSFET
More results

Similar Description - AO4459

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
AO4415 AOSMD-AO4415 Datasheet
172Kb / 4P
   30V P-Channel MOSFET
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
   30V P-Channel MOSFET
AO3409 AOSMD-AO3409_11 Datasheet
239Kb / 5P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com