Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGF1B Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # RGF1B
Description  1.0 Ampere Fast Recovery Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RGF1B Datasheet(HTML) 1 Page - Fairchild Semiconductor

  RGF1B Datasheet HTML 1Page - Fairchild Semiconductor RGF1B Datasheet HTML 2Page - Fairchild Semiconductor RGF1B Datasheet HTML 3Page - Fairchild Semiconductor RGF1B Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RGF1A-RGF1M, Rev. E
RGF1A - RGF1M
1.0 Ampere Fast Recovery Rectifiers
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
**Device mounted on FR-4 PCB 0.013 mm.
Electrical Characteristics
T
A
= 25°C unless otherwise noted
1998 Fairchild Semiconductor International
Features
Glass passivated junction.
For surface mounted application.
Low forward voltage drop.
High current capability.
Easy pick and place.
High surge current capability.
SMA/DO-214AC
COLOR BAND DENOTES CATHODE
Symbol
Parameter
Value
Units
IO
Average Rectified Current
@ TL = 125
°C
1.0
A
if(surge)
Peak Forward Surge Current
8.3 ms single half-sine-wave
Superimposed on rated load (JEDEC method)
30
A
PD
Total Device Dissipation
Derate above 25
°C
1.76
11.7
W
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient **
85
°C/W
RθJL
Thermal Resistance, Junction to Lead**
28
°C/W
Tstg
Storage Temperature Range
-65 to +175
°C
TJ
Operating Junction Temperature
-65 to +175
°C
Parameter
Device
Units
1A
1B
1D
1G
1J
1K
1M
Peak Repetitive Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
35
70
140
280
420
560
700
V
DC Reverse Voltage (Rated VR)
50
100
200
400
600
800
1000
V
Maximum Reverse Current
@ rated VR
TA = 25
°C
TA = 125
°C
5.0
100
µA
µA
Maximum Forward Voltage @ 1.0 A
1.3
V
Maximum Reverse Recovery Time
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
150
250
500
nS
Typical Junction Capacitance
VR = 4.0 V, f = 1.0 MHz
8.5
pF
2
1
0.208 (5.283)
0.188 (4.775)
0.181 (4.597)
0.157 (3.988)
0.096 (2.438)
0.078 (1.981)
0.062 (1.575)
0.055 (1.397)
0.008 (0.203)
0.002 (0.051)
0.012 (0.305)
0.006 (0.152)
0.060 (1.524)
0.030 (0.762)
0.114 (2.896)
0.098 (2.489)
+
3.93
3.73
1.67
1.47
2.38
2.18
5.49
5.29
Minimum Recomm ended
Land Pattern


Similar Part No. - RGF1B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
RGF1B GE-RGF1B Datasheet
89Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
RGF1B VISHAY-RGF1B Datasheet
89Kb / 4P
   Surface-Mount Glass Passivated Junction Fast Switching Rectifier
01-Jan-2022
RGF1B VISHAY-RGF1B Datasheet
35Kb / 2P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
08-Feb-02
logo
Fairchild Semiconductor
RGF1B FAIRCHILD-RGF1B Datasheet
49Kb / 3P
   Fast Rectifiers
logo
First Components Intern...
RGF1B FCI-RGF1B Datasheet
141Kb / 2P
   1.0 Amp MEGARECTIFIERS
More results

Similar Description - RGF1B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RS1A FAIRCHILD-RS1A Datasheet
38Kb / 3P
   1.0 Ampere Fast Recovery Rectifiers
RGP10A FAIRCHILD-RGP10A Datasheet
35Kb / 3P
   1.0 Ampere Glass Passivated Fast Recovery Rectifiers
1N4933GP FAIRCHILD-1N4933GP Datasheet
32Kb / 2P
   1.0 Ampere Glass Passivated Fast Recovery Rectifiers
logo
Motorola, Inc
1N4933 MOTOROLA-1N4933 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
Bytes
BA157 BYTES-BA157 Datasheet
152Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
FR101 BYTES-FR101 Datasheet
152Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
RL101F BYTES-RL101F Datasheet
152Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
F1T1 TSC-F1T1_10 Datasheet
526Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
F1T1 TSC-F1T1_1 Datasheet
247Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
FR101 TSC-FR101_1 Datasheet
262Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com