Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4444L Datasheet(PDF) 1 Page - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4444L
Description  80V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd

AO4444L Datasheet(HTML) 1 Page - shenzhen wanhexing Electronics Co.,Ltd

  AO4444L Datasheet HTML 1Page - shenzhen wanhexing Electronics Co.,Ltd AO4444L Datasheet HTML 2Page - shenzhen wanhexing Electronics Co.,Ltd AO4444L Datasheet HTML 3Page - shenzhen wanhexing Electronics Co.,Ltd AO4444L Datasheet HTML 4Page - shenzhen wanhexing Electronics Co.,Ltd AO4444L Datasheet HTML 5Page - shenzhen wanhexing Electronics Co.,Ltd AO4444L Datasheet HTML 6Page - shenzhen wanhexing Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AO4444L
80V N-Channel MOSFET
SDMOS
TM
General Description
Product Summary
VDS
ID (at VGS=10V)
11A
RDS(ON) (at VGS=10V)
< 12m
RDS(ON) (at VGS = 7V)
< 14.5m
100% UIS Tested
100% Rg Tested
Symbol
VDS
VGS
IDM
IAS, IAR
EAS, EAR
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJL
W
3.1
Maximum Junction-to-Lead
°C/W
°C/W
Maximum Junction-to-Ambient
A D
16
75
24
Maximum Junction-to-Ambient
A
TA=25°C
TA=70°C
Power Dissipation
B
PD
Avalanche energy L=0.1mH
C
Pulsed Drain Current
C
Continuous Drain
Current
TA=25°C
A
ID
11
9
80
mJ
Avalanche Current
C
101
A
45
The AO4444L is fabricated with SDMOS
TM trench
technology that combines excellent RDS(ON) with low gate
charge and low Qrr.The result is outstanding efficiency
with controlled switching behavior. This universal
technology is well suited for PWM, load switching and
general purpose applications.
V
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
80V
V
±25
Gate-Source Voltage
Drain-Source Voltage
80
°C/W
RθJA
31
59
40
°C
Thermal Characteristics
Units
Parameter
Typ
Max
2
TA=70°C
Junction and Storage Temperature Range
-55 to 150
G
D
S
SOIC-8
Top View
Bottom View
D
D
D
D
S
S
S
G
Rev0: July 2009
www.aosmd.com
Page 1 of 6
万和兴电子有限公司 www.whxpcb.com


Similar Part No. - AO4444L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4444L AOSMD-AO4444L Datasheet
112Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
AO4444L AOSMD-AO4444L Datasheet
284Kb / 6P
   80V N-Channel MOSFET
More results

Similar Description - AO4444L

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS90N08 BWTECH-MS90N08 Datasheet
913Kb / 8P
   80V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB284L AOSMD-AOB284L Datasheet
249Kb / 5P
   80V N-Channel MOSFET
AOD2810 AOSMD-AOD2810 Datasheet
294Kb / 6P
   80V N-Channel MOSFET
AOD2816 AOSMD-AOD2816 Datasheet
2Mb / 6P
   80V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD9N08 FAIRCHILD-FQD9N08 Datasheet
536Kb / 9P
   80V N-Channel MOSFET
FQAF70N08 FAIRCHILD-FQAF70N08 Datasheet
662Kb / 8P
   80V N-Channel MOSFET
FQB24N08 FAIRCHILD-FQB24N08 Datasheet
719Kb / 9P
   80V N-Channel MOSFET
FQP24N08 FAIRCHILD-FQP24N08 Datasheet
711Kb / 8P
   80V N-Channel MOSFET
FQP44N08 FAIRCHILD-FQP44N08 Datasheet
668Kb / 8P
   80V N-Channel MOSFET
FQP70N08 FAIRCHILD-FQP70N08 Datasheet
667Kb / 8P
   80V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com