Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHRD460 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # RHRD460
Description  4A, 400V - 600V Hyperfast Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RHRD460 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  RHRD460 Datasheet HTML 1Page - Fairchild Semiconductor RHRD460 Datasheet HTML 2Page - Fairchild Semiconductor RHRD460 Datasheet HTML 3Page - Fairchild Semiconductor RHRD460 Datasheet HTML 4Page - Fairchild Semiconductor RHRD460 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2002 Fairchild Semiconductor Corporation
RHRD440, RHRD460, RHRD440S, RHRD460S Rev. B
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
SYMBOL
TEST CONDITION
RHRD440, RHRD440S
RHRD460, RHRD460S
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VF
IF = 4A
-
-
2.1
-
-
2.1
V
IF = 4A, TC = 150
oC
-
-
1.7
-
-
1.7
V
IR
VR = 400V
-
-
100
-
-
-
µA
VR = 600V
-----
100
µA
VR = 400V, TC = 150
oC
-
-
500
-
-
-
µA
VR = 600V, TC = 150
oC
-----
500
µA
trr
IF = 1A, dIF/dt = 200A/µs
-
-30-
-30
ns
IF = 4A, dIF/dt = 200A/µs
-
-35-
-35
ns
ta
IF = 4A, dIF/dt = 200A/µs
-
16
-
-
16
-
ns
tb
IF = 4A, dIF/dt = 200A/µs
-7-
-7-ns
QRR
IF = 4A, dIF/dt = 200A/µs
-
45
-
-
45
-
nC
CJ
VR = 10V, IF = 0A
-15-
-15-
pF
RθJC
-
-3-
-3
oC/W
DEFINITIONS
VF = Instantaneous forward voltage (pw = 300µs, D = 2%).
IR = Instantaneous reverse current.
trr = Reverse recovery time (See Figure 9), summation of ta + tb.
ta = Time to reach peak reverse current (See Figure 9).
tb = Time from peak IRM to projected zero crossing of IRM based on a straight line from peak IRM through 25% of IRM (See Figure 9).
QRR = Reverse recovery charge.
CJ = Junction Capacitance.
RθJC = Thermal resistance junction to case.
pw = Pulse width.
D = Duty cycle.
Typical Performance Curves
FIGURE 1. FORWARD CURRENT vs FORWARD VOLTAGE
FIGURE 2. REVERSE CURRENT vs REVERSE VOLTAGE
VF , FORWARD VOLTAGE (V)
20
10
1
0.5
0
0.5
1
1.5
2.5
3
2
25oC
100oC
175oC
VR, REVERSE VOLTAGE (V)
0
200
400
600
300
500
500
100
0.01
0.1
100
0.001
175oC
100oC
25oC
RHRD440, RHRD460, RHRD440S, RHRD460S


Similar Part No. - RHRD460

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRD460 INTERSIL-RHRD460 Datasheet
50Kb / 4P
   RHRD4120 RHRD4120S
logo
Inchange Semiconductor ...
RHRD460 ISC-RHRD460 Datasheet
343Kb / 2P
   Ultra-fast Rectifier
logo
Intersil Corporation
RHRD460CC INTERSIL-RHRD460CC Datasheet
50Kb / 4P
   4A, 400V - 600V Hyperfast Dual Diodes
RHRD460CCS INTERSIL-RHRD460CCS Datasheet
50Kb / 4P
   4A, 400V - 600V Hyperfast Dual Diodes
RHRD460S INTERSIL-RHRD460S Datasheet
50Kb / 4P
   RHRD4120 RHRD4120S
More results

Similar Description - RHRD460

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRD440CC INTERSIL-RHRD440CC Datasheet
50Kb / 4P
   4A, 400V - 600V Hyperfast Dual Diodes
logo
Fairchild Semiconductor
RHRP1560 FAIRCHILD-RHRP1560 Datasheet
357Kb / 5P
   15A, 400V - 600V Hyperfast Diodes
RHRP3040 FAIRCHILD-RHRP3040 Datasheet
341Kb / 5P
   30A, 400V - 600V Hyperfast Diodes
RHRP840 FAIRCHILD-RHRP840 Datasheet
365Kb / 5P
   8A, 400V - 600V Hyperfast Diodes
logo
Intersil Corporation
RHRP840 INTERSIL-RHRP840 Datasheet
49Kb / 4P
   8A, 400V - 600V Hyperfast Diodes
RHRU5040 INTERSIL-RHRU5040 Datasheet
57Kb / 4P
   50A, 400V - 600V Hyperfast Diodes
RHRU7540 INTERSIL-RHRU7540 Datasheet
60Kb / 4P
   75A, 400V - 600V Hyperfast Diodes
logo
Fairchild Semiconductor
RHRP1540 FAIRCHILD-RHRP1540 Datasheet
357Kb / 5P
   15A, 400V - 600V Hyperfast Diodes
logo
Intersil Corporation
RHRG3040 INTERSIL-RHRG3040 Datasheet
46Kb / 4P
   30A, 400V - 600V Hyperfast Diodes
RHRP3040 INTERSIL-RHRP3040 Datasheet
46Kb / 4P
   30A, 400V - 600V Hyperfast Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com