Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP9.0 Datasheet(PDF) 1 Page - Formosa MS

Part # 5KP9.0
Description  Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

5KP9.0 Datasheet(HTML) 1 Page - Formosa MS

  5KP9.0 Datasheet HTML 1Page - Formosa MS 5KP9.0 Datasheet HTML 2Page - Formosa MS 5KP9.0 Datasheet HTML 3Page - Formosa MS 5KP9.0 Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
12
34463447
839
7
6
2
2
33
73 7
7

9
7
327
9
 2
2
9 2
367
 3637
2
7
9

2
349
7
39

7
3234
7
9
7
!
"349
4649
7

#34$%2
2
349
7
%3
7
$7
7

9
7
329
63 39
 3
&7
7

9
7
329
62

'7
9$!(
!) 4*+(
,
34
-39
7
39+./ 37
99
6
39

2
449

7
446 7
0
7
(
17
2
634*32
038*
2!34*
47
49
7
87
  9
7
82
3 (
" 363 7
9
7
82
3 * 
39


9+!5
#36-6#7-8
178
#1
19%&:
;8
7
3<7
447
639
7
3976=+./
7=,4>
;:7,?
3"
3
1
#

9
@(
A417
2
332
017
'38
168
64 -39
3 >
B<#%9
 ?
19
3 19
39
<7
447
639
7
397=)./
3 9
4!(
A).C>
(
.?
*
1"7
(
%37
8
49
39
34"
3
2
9
3
39,!!60
7
7

9
7
32<87
4:2
>
;:7+?
:6
39
7
76
39

-3
7B
/
19

376
39

-3
7171
/
--1:761 DFG
H9
IJH2
9
4
:'-<8
118
678
:; D FHHH'39
9
4
6
A("=A(
. .K.(
!9

.K,!!6 87
43 "=.(
! .K,,!9

.K,@! 87
4(
;:71$
,(;
69
7
9
7
8 

962
4*
6"7
(.3 
39
3876=+./ 6"7
(,(
+(@(
A447
2
32
038 9
  2
=62
4467
9
437
>
7 7

9
7
327
9
42
?
(
"
..9
L,.!
..9
L,).
1;:7A
.!!!
'6771
K
6%1
8
"1%
!!
'6771
%>6?
@(
!
:71
,(
!>
+.(
?
TUVXYZ[
Y\
_`
abcd`
ecd`
c`
cghbdicjk
a`
l
l
`
abm
bndo
pq
r
stuv
wxty
zt{|u}~
{uuv
u
‚ƒ„…
†‡† ‰ƒŠ…
‹Œƒ‹Ž
‘’Š“…
’ƒ”•ƒ“ƒ’Š‘“…
Š…
’
—
—
—
—
—
—
—
—
—
˜™š›™œŸ 
¡¢£¤¥¦
§¤¨ª«¬
¨
£­§®¯°°¢§¥¥«¢
²³´µ·
¸¹
¹
º»
¼
¼
½½½¾
¿
ÀÁÂÀóÂþ
ÄÀ¼
ÅÆÇ»
ÈÈÉÊËÊËËÉÌÉÉÉ·
ÍÎÏ»
ÈÈÉÊËÊËËÉÌɷз
ÑÀÄÒµӹÔ
Ñ
Ô
ÃÃÒµÕѳ¹
µ
Öµ×Ø
õÕѳ¹
µ Öµ×Ø
ÃØ
ÀÓ
²³´µ¾
ÑÙÊËËËÈÚÐ
ËÚÚȼ
Ú˼
·Ú
ËÚ·Ú¼
ÚÛ¼
·Ú
Ü
Ð
深圳FMS
Kinter
131
6803
0058


Similar Part No. - 5KP9.0

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP9.0 SURGE-5KP9.0 Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shenzhen Luguang Electr...
5KP9.0 LUGUANG-5KP9.0 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Socay Electornics Co., ...
5KP9.0 SOCAY-5KP9.0 Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Vishay Siliconix
5KP9.0 VISHAY-5KP9.0 Datasheet
104Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
logo
SUNMATE electronic Co.,...
5KP9.0 SUNMATE-5KP9.0 Datasheet
940Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
More results

Similar Description - 5KP9.0

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com