Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFP70N03 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # RFP70N03
Description  70A, 30V, Avalanche Rated N-Channel Enhancement-Mode Power MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RFP70N03 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  RFP70N03 Datasheet HTML 1Page - Fairchild Semiconductor RFP70N03 Datasheet HTML 2Page - Fairchild Semiconductor RFP70N03 Datasheet HTML 3Page - Fairchild Semiconductor RFP70N03 Datasheet HTML 4Page - Fairchild Semiconductor RFP70N03 Datasheet HTML 5Page - Fairchild Semiconductor RFP70N03 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3-48
RFP70N03, RF1S70N03, RF1S70N03SM
FIGURE 7. NORMALIZED rDS(ON) vs JUNCTION TEMPERATURE
FIGURE 8. NORMALIZED GATE THRESHOLD VOLTAGE vs
TEMPERATURE
FIGURE 9. NORMALIZED DRAIN SOURCE BREAKDOWN
VOLTAGE vs TEMPERATURE
FIGURE 10. TYPICAL CAPACITANCE vs VOLTAGE
FIGURE 11. NORMALIZED MAXIMUM TRANSIENT THERMAL
IMPEDANCE
FIGURE 12. NORMALIZED SWITCHING WAVEFORMS FOR
CONSTANT GATE CURRENT. REFER TO HARRIS
APPLICATION NOTES AN7254 AND AN7260
Typical Performance Curves (Continued)
2.0
1.5
1.0
0.5
0.0
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
PULSE DURATION = 250
µs, V
GS = 10V, ID = 70A
2.0
1.6
1.2
0.8
0.0
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
0.4
VGS = VDS,ID = 250µA
ID = 250µA
2.0
1.6
1.2
0.4
0.0
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
0.8
0
0
5
10
15
20
25
1000
2000
3000
5000
6000
7000
4000
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
VGS = 0V, FREQUENCY (f) = 1MHz
CISS
COSS
CRSS
10-5
t, RECTANGULAR PULSE DURATION (s)
10-4
10-3
10-2
10-1
10-0
101
10-2
10-1
100
101
NOTES:
1. DUTY FACTOR, D = t1/t2
2. PEAK TJ = PDM x (ZθJC) +TC
SINGLE PULSE
0.2
0.1
0.05
0.02
0.5
PDM
t1
t2
0.01
30.0
22.5
15.0
7.5
0.0
10.0
7.5
5.0
2.5
0.0
t, TIME (
µs)
20
I
G
REF
()
I
G
ACT
()
----------------------
80
I
G
REF
()
I
G
ACT
()
----------------------
VDD = BVDSS
VDD = BVDSS
0.75BVDSS
0.50BVDSS
0.25BVDSS
0.75BVDSS
0.50BVDSS
0.25BVDSS
RL = 0.43Ω
IG(REF) = 3.0mA
VGS = 10V


Similar Part No. - RFP70N03

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFP70N03 INTERSIL-RFP70N03 Datasheet
142Kb / 16P
   70A, 30V, 0.010 Ohm, N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
RFP70N03 ISC-RFP70N03 Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - RFP70N03

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFG70N06 FAIRCHILD-RFG70N06 Datasheet
90Kb / 6P
   70A, 60V, Avalanche Rated, N-Channel Enhancement-Mode Power MOSFETs
RFG60P03 FAIRCHILD-RFG60P03 Datasheet
104Kb / 6P
   60A, 30V, Avalanche Rated, P-Channel Enhancement-Mode Power MOSFETs
RFD16N03L FAIRCHILD-RFD16N03L Datasheet
130Kb / 7P
   16A, 30V, Avalanche Rated N-Channel Logic Level Enhancement-Mode Power MOSFETs
logo
IXYS Corporation
IXTP450P2 IXYS-IXTP450P2 Datasheet
144Kb / 5P
   Polar2TM Power MOSFETs N-Channel Enhancement Mode Avalanche Rated
IXTH110N25T IXYS-IXTH110N25T Datasheet
210Kb / 5P
   TrenchTM Power MOSFETs N-Channel Enhancement Mode Avalanche Rated
logo
Fairchild Semiconductor
RFG45N06 FAIRCHILD-RFG45N06 Datasheet
82Kb / 6P
   45A, 60V, Avalanche Rated N-Channel Enhancement-Mode Power MOSFETs
logo
IXYS Corporation
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
   N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
logo
Harris Corporation
RFD3055 HARRIS-RFD3055 Datasheet
118Kb / 8P
   12A, 60V, Avalanche Rated, N-Channel Enhancement-Mode Power MOSFETs (MegaFETs)
logo
IXYS Corporation
IXTA140P05T IXYS-IXTA140P05T Datasheet
222Kb / 6P
   TrenchP Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
IXTA10P50P IXYS-IXTA10P50P Datasheet
185Kb / 6P
   PolarPTM Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com