Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF1S25N06SM Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # RF1S25N06SM
Description  25A, 60V, 0.047 Ohm, N-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RF1S25N06SM Datasheet(HTML) 5 Page - Fairchild Semiconductor

  RF1S25N06SM Datasheet HTML 1Page - Fairchild Semiconductor RF1S25N06SM Datasheet HTML 2Page - Fairchild Semiconductor RF1S25N06SM Datasheet HTML 3Page - Fairchild Semiconductor RF1S25N06SM Datasheet HTML 4Page - Fairchild Semiconductor RF1S25N06SM Datasheet HTML 5Page - Fairchild Semiconductor RF1S25N06SM Datasheet HTML 6Page - Fairchild Semiconductor RF1S25N06SM Datasheet HTML 7Page - Fairchild Semiconductor RF1S25N06SM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
©2002 Fairchild Semiconductor Corporation
RFP25N06, RF1S25N06, RF1S25N06SM Rev. C
FIGURE 12. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Fairchild Application Notes AN7254 and AN7260.
FIGURE 13. NORMALIZED SWITCHING WAVEFORMS FOR
CONSTANT GATE CURRENT
Test Circuits and Waveforms
FIGURE 14. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 15. UNCLAMPED ENERGY WAVEFORMS
FIGURE 16. SWITCHING TIME TEST CIRCUIT
FIGURE 17. RESISTIVE SWITCHING WAVEFORMS
Typical Performance Curves Unless Otherwise Specified (Continued)
1600
1200
400
0
0
5
10
15
20
25
800
VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
CRSS
COSS
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS = CDS + CGD
30
15
0
20
I
g REF
()
I
g ACT
()
--------------------
t, TIME (
µs)
80
I
g REF
()
I
g ACT
()
--------------------
10
5.0
2.5
0
60
7.5
45
VDD = BVDSS
VDD = BVDSS
0.75 BVDSS
0.50 BVDSS
0.25 BVDSS
RL = 2.4Ω
Ig(REF) = 0.75mA
VGS = 10V
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0
VGS
RL
RGS
DUT
+
-
VDD
VDS
VGS
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0
RFP25N06, RF1S25N06, RF1S25N06SM


Similar Part No. - RF1S25N06SM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RF1S25N06SM INTERSIL-RF1S25N06SM Datasheet
106Kb / 8P
   25A, 60V, 0.047 Ohm, N-Channel Power MOSFETs
logo
VBsemi Electronics Co.,...
RF1S25N06SM VBSEMI-RF1S25N06SM Datasheet
1Mb / 9P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - RF1S25N06SM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFP25N06 INTERSIL-RFP25N06 Datasheet
106Kb / 8P
   25A, 60V, 0.047 Ohm, N-Channel Power MOSFETs
RFD16N06LE INTERSIL-RFD16N06LE Datasheet
342Kb / 7P
   16A, 60V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD16N06LESM FAIRCHILD-RFD16N06LESM Datasheet
193Kb / 7P
   16A, 60V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFP25N05 INTERSIL-RFP25N05 Datasheet
104Kb / 8P
   25A, 50V, 0.047 Ohm, N-Channel Power MOSFET
logo
New Jersey Semi-Conduct...
RFP25N05 NJSEMI-RFP25N05 Datasheet
100Kb / 2P
   25A, 50V, 0.047 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
RFP30N06LE INTERSIL-RFP30N06LE Datasheet
80Kb / 8P
   30A, 60V, ESD Rated, 0.047 Ohm, Logic Level N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFP30N06LE FAIRCHILD-RFP30N06LE Datasheet
188Kb / 8P
   30A, 60V, ESD Rated, 0.047 Ohm, Logic Level N-Channel Power MOSFETs
logo
Intersil Corporation
RFD16N06 INTERSIL-RFD16N06 Datasheet
85Kb / 7P
   16A, 60V, 0.047 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
RFD16N05 FAIRCHILD-RFD16N05 Datasheet
414Kb / 8P
   16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD16N05 INTERSIL-RFD16N05 Datasheet
91Kb / 8P
   16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com