Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR3504PBF Datasheet(PDF) 9 Page - Kersemi Electronic Co., Ltd.

Part # IRFR3504PBF
Description  AUTOMOTIVE MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFR3504PBF Datasheet(HTML) 9 Page - Kersemi Electronic Co., Ltd.

Back Button IRFR3504PBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFR3504PBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFR3504PBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFR3504PBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFR3504PBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFR3504PBF Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFR3504PBF Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRFR3504PBF Datasheet HTML 10Page - Kersemi Electronic Co., Ltd. IRFR3504PBF Datasheet HTML 11Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IRFR/U3504PbF
www.kersemi.com
9
D-Pak (TO-252AA) Part Marking Information
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
12
IN THE AS S EMB LY LINE "A"
AS S EMB LED ON WW 16, 1999
EXAMPLE:
WIT H ASSEMBLY
T HIS IS AN IRF R120
LOT CODE 1234
YE AR 9 = 1999
DATE CODE
WE EK 16
PART NUMBE R
LOGO
INT E RNAT IONAL
RECT IFIE R
AS S EMB LY
LOT CODE
916A
IRFU120
34
YEAR 9 = 1999
DAT E CODE
OR
P = DE S IGNAT E S LE AD-FREE
PRODUCT (OPTIONAL)
Note: "P" in as s embly line position
indicates "Lead-F ree"
12
34
WEE K 16
A = AS SEMBLY SIT E CODE
PART NUMB ER
IRFU120
LINE A
LOGO
LOT CODE
AS S E MBLY
INT ERNATIONAL
RE CTIF IER


Similar Part No. - IRFR3504PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR3504PBF IRF-IRFR3504PBF Datasheet
259Kb / 11P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFR3504PBF KERSEMI-IRFR3504PBF Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
logo
International Rectifier
IRFR3504PBF IRF-IRFR3504PBF Datasheet
330Kb / 11P
   Advanced Process Technology
IRFR3504PBF IRF-IRFR3504PBF Datasheet
330Kb / 11P
   Advanced Process Technology
More results

Similar Description - IRFR3504PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF2804S-7P IRF-IRF2804S-7P Datasheet
263Kb / 10P
   AUTOMOTIVE MOSFET
IIRLR3105 IRF-IIRLR3105 Datasheet
169Kb / 8P
   AUTOMOTIVE MOSFET
IRF540ZL IRF-IRF540ZL Datasheet
310Kb / 12P
   AUTOMOTIVE MOSFET
IRF3205Z IRF-IRF3205Z Datasheet
303Kb / 12P
   AUTOMOTIVE MOSFET
IRLR2908 IRF-IRLR2908 Datasheet
206Kb / 11P
   AUTOMOTIVE MOSFET
IRLR024ZPBF IRF-IRLR024ZPBF Datasheet
281Kb / 12P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFR2905Z KERSEMI-IRFR2905Z Datasheet
1Mb / 11P
   AUTOMOTIVE MOSFET
IRFU3505 KERSEMI-IRFU3505 Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
logo
International Rectifier
IRF1405Z IRF-IRF1405Z Datasheet
291Kb / 12P
   AUTOMOTIVE MOSFET
IRFR3710Z IRF-IRFR3710Z Datasheet
218Kb / 11P
   AUTOMOTIVE MOSFET
IRLU2905Z IRF-IRLU2905Z Datasheet
217Kb / 11P
   AUTOMOTIVE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com