Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQPF6N60 Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # FQPF6N60
Description  600V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

FQPF6N60 Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  FQPF6N60 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. FQPF6N60 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. FQPF6N60 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. FQPF6N60 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. FQPF6N60 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. FQPF6N60 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. FQPF6N60 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
April 2000
FQPF6N60
600V N-Channel MOSFET
General Description
Features
• 3.6A, 600V, RDS(on) = 1.5Ω @VGS = 10 V
• Low gate charge ( typical 20 nC)
• Low Crss ( typical 10 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings
 T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FQPF6N60
Units
VDSS
Drain-Source Voltage
600
V
ID
Drain Current
- Continuous (TC = 25°C)
3.6
A
- Continuous (TC = 100°C)
2.3
A
IDM
Drain Current
- Pulsed
(Note 1)
14.4
A
VGSS
Gate-Source Voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
440
mJ
IAR
Avalanche Current
(Note 1)
3.6
A
EAR
Repetitive Avalanche Energy
(Note 1)
4.4
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation (TC = 25°C)
44
W
- Derate above 25°C
0.35
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8
 from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
2.84
°C
W
RθJA
Thermal Resistance, Junction-to-Ambient
--
62.5
°C
W
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"
S
D
G
TO-220F
FQPF Series
G
S
D
These N-Channel enhancement mode power field effect
transistors are produced using Corise Semiconductorÿs proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switch mode power supply.


Similar Part No. - FQPF6N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF6N60 FAIRCHILD-FQPF6N60 Datasheet
544Kb / 8P
   600V N-Channel MOSFET
FQPF6N60 FAIRCHILD-FQPF6N60 Datasheet
544Kb / 8P
   600V N-Channel MOSFET
FQPF6N60C FAIRCHILD-FQPF6N60C Datasheet
911Kb / 10P
   600V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
FQPF6N60C VBSEMI-FQPF6N60C Datasheet
1Mb / 9P
   Power MOSFET
logo
Inchange Semiconductor ...
FQPF6N60C ISC-FQPF6N60C Datasheet
277Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Similar Description - FQPF6N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com