Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTD20N06V Datasheet(PDF) 6 Page - Motorola, Inc

Part # MTD20N06V
Description  TMOS POWER FET 20 AMPERES 60 VOLTS RDS(on) = 0.080 OHM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTD20N06V Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MTD20N06V Datasheet HTML 2Page - Motorola, Inc MTD20N06V Datasheet HTML 3Page - Motorola, Inc MTD20N06V Datasheet HTML 4Page - Motorola, Inc MTD20N06V Datasheet HTML 5Page - Motorola, Inc MTD20N06V Datasheet HTML 6Page - Motorola, Inc MTD20N06V Datasheet HTML 7Page - Motorola, Inc MTD20N06V Datasheet HTML 8Page - Motorola, Inc MTD20N06V Datasheet HTML 9Page - Motorola, Inc MTD20N06V Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MTD20N06V
6
Motorola TMOS Power MOSFET Transistor Device Data
SAFE OPERATING AREA
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 12. Maximum Avalanche Energy versus
Starting Junction Temperature
Figure 13. Thermal Response
Figure 14. Diode Reverse Recovery Waveform
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
0.1
100
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
10
VGS = 20 V
SINGLE PULSE
TC = 25°C
1
1
10
100
0.1
dc
100
µs
1 ms
10 ms
10
µs
R
θJC(t) = r(t) RθJC
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
t, TIME (s)
1.00
0.10
0.01
0.2
D = 0.5
0.05
0.01
SINGLE PULSE
0.1
1.0E–05
1.0E–04
1.0E–03
1.0E–02
1.0E–01
1.0E+00
1.0E+01
0.02
TJ, STARTING JUNCTION TEMPERATURE (°C)
25
50
75
100
125
ID = 20 A
150
0
200
140
120
100
160
80
60
40
20
175
180


Similar Part No. - MTD20N06V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTD20N06V ONSEMI-MTD20N06V Datasheet
176Kb / 7P
   N?묬hannel DPAK
May, 2013 ??Rev. 5
MTD20N06VT4 ONSEMI-MTD20N06VT4 Datasheet
176Kb / 7P
   N?묬hannel DPAK
May, 2013 ??Rev. 5
logo
VBsemi Electronics Co.,...
MTD20N06VT4G VBSEMI-MTD20N06VT4G Datasheet
897Kb / 6P
   N-Channel 6 0-V (D-S) MOSFET
More results

Similar Description - MTD20N06V

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP20N06V MOTOROLA-MTP20N06V Datasheet
209Kb / 8P
   TMOS POWER FET 20 AMPERES 60 VOLTS RDS(on) = 0.080 OHM
MTP30P06V MOTOROLA-MTP30P06V Datasheet
191Kb / 8P
   TMOS POWER FET 30 AMPERES 60 VOLTS RDS(on) = 0.080 OHM
MTE53N50E MOTOROLA-MTE53N50E Datasheet
167Kb / 8P
   TMOS POWER FET 53 AMPERES 500 VOLTS RDS(on) = 0.080 OHM
MTD20N06HD MOTOROLA-MTD20N06HD Datasheet
274Kb / 12P
   TMOS POWER FET 20 AMPERES 60 VOLTS RDS(on) = 0.045 OHM
MTP60N06HD MOTOROLA-MTP60N06HD Datasheet
217Kb / 8P
   TMOS POWER FET 60 AMPERES 60 VOLTS RDS(on) = 0.014 OHM
MTP50N06V MOTOROLA-MTP50N06V Datasheet
179Kb / 8P
   TMOS POWER FET 42 AMPERES 60 VOLTS RDS(on) = 0.028 OHM
MTP52N06VL MOTOROLA-MTP52N06VL Datasheet
166Kb / 8P
   TMOS POWER FET 52 AMPERES 60 VOLTS RDS(on) = 0.025 OHM
MTD5P06E MOTOROLA-MTD5P06E Datasheet
208Kb / 10P
   TMOS POWER FET 5.0 AMPERES 60 VOLTS RDS(on) = 0.55 OHM
MTD5P06V MOTOROLA-MTD5P06V Datasheet
245Kb / 10P
   TMOS POWER FET 5 AMPERES 60 VOLTS RDS(on) = 0.450 OHM
MTP15N06VL MOTOROLA-MTP15N06VL Datasheet
216Kb / 8P
   TMOS POWER FET 15 AMPERES 60 VOLTS RDS(on) = 0.085 OHM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com