Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF1S70N06 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # RF1S70N06
Description  70A, 60V, Avalanche Rated, N-Channel Enhancement-Mode Power MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RF1S70N06 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  RF1S70N06 Datasheet HTML 1Page - Fairchild Semiconductor RF1S70N06 Datasheet HTML 2Page - Fairchild Semiconductor RF1S70N06 Datasheet HTML 3Page - Fairchild Semiconductor RF1S70N06 Datasheet HTML 4Page - Fairchild Semiconductor RF1S70N06 Datasheet HTML 5Page - Fairchild Semiconductor RF1S70N06 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper ESD handling procedures.
Copyright
© Harris Corporation 1995
3-51
SEMICONDUCT OR
RFG70N06, RFP70N06,
RF1S70N06, RF1S70N06SM
70A, 60V, Avalanche Rated, N-Channel
Enhancement-Mode Power MOSFETs
Packages
JEDEC STYLE TO-247
JEDEC TO-220AB
JEDEC TO-262AA
JEDEC TO-263AB
DRAIN
(BOTTOM
SIDE METAL)
SOURCE
DRAIN
GATE
DRAIN
(FLANGE)
SOURCE
DRAIN
GATE
SOURCE
DRAIN
GATE
DRAIN
(FLANGE)
A
M
DRAIN
(FLANGE)
GATE
SOURCE
Features
• 70A, 60V
•rDS(on) = 0.014Ω
Temperature Compensated PSPICE Model
• Peak Current vs Pulse Width Curve
• UIS Rating Curve (Single Pulse)
• +175oC Operating Temperature
Description
The RFG70N06, RFP70N06, RF1S70N06 and RF1S70N06SM
are N-channel power MOSFETs manufactured using the MegaFET
process. This process, which uses feature sizes approaching
those of LSI circuits, gives optimum utilization of silicon, resulting
in outstanding performance. They were designed for use in appli-
cations such as switching regulators, switching converters, motor
drivers and relay drivers. These transistors can be operated
directly from integrated circuits.
Formerly developmental type TA49007.
Symbol
PACKAGE AVAILABILITY
PART NUMBER
PACKAGE
BRAND
RFG70N06
TO-247
RFG70N06
RFP70N06
TO-220AB
RFP70N06
RF1S70N06
TO-262AA
F1S70N06
RF1S70N06SM
TO-263AB
F1S70N06
NOTE: When ordering use the entire part number. Add the suffix, 9A, to
obtain the TO-263AB variant in tape and reel, e.g. RF1S70N06SM9A.
G
D
S
Absolute Maximum Ratings TC = +25oC, Unless Otherwise Specified
RFG70N06, RFP70N06
RF1S70N06, RF1S70N06SM
UNITS
Drain Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS
60
V
Drain Gate Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
60
V
Gate Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±20
V
Drain Current
RMS Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Pulsed Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
70
Refer to Peak Current Curve
A
Single Pulse Avalanche Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS
Refer to UIS Curve
Power Dissipation
TC = +25
oC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . P
D
Derate above +25oC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
150
1.0
W
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . .TSTG, TJ
-55 to +175
oC
December 1995
File Number
3206.3


Similar Part No. - RF1S70N06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RF1S70N06SM INTERSIL-RF1S70N06SM Datasheet
71Kb / 8P
   70A, 60V, 0.014 Ohm, N-Channel Power MOSFETs
logo
VBsemi Electronics Co.,...
RF1S70N06SM VBSEMI-RF1S70N06SM Datasheet
960Kb / 8P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - RF1S70N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFP70N03 FAIRCHILD-RFP70N03 Datasheet
588Kb / 6P
   70A, 30V, Avalanche Rated N-Channel Enhancement-Mode Power MOSFETs
RFG45N06 FAIRCHILD-RFG45N06 Datasheet
82Kb / 6P
   45A, 60V, Avalanche Rated N-Channel Enhancement-Mode Power MOSFETs
logo
Harris Corporation
RFD3055 HARRIS-RFD3055 Datasheet
118Kb / 8P
   12A, 60V, Avalanche Rated, N-Channel Enhancement-Mode Power MOSFETs (MegaFETs)
RFP30N06LE HARRIS-RFP30N06LE Datasheet
91Kb / 6P
   30A, 60V, ESD Rated, Avalanche Rated, Logic Level N-Channel Enhancement-Mode Power MOSFETs
logo
IXYS Corporation
IXTP450P2 IXYS-IXTP450P2 Datasheet
144Kb / 5P
   Polar2TM Power MOSFETs N-Channel Enhancement Mode Avalanche Rated
IXTH110N25T IXYS-IXTH110N25T Datasheet
210Kb / 5P
   TrenchTM Power MOSFETs N-Channel Enhancement Mode Avalanche Rated
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
   N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
IXTA140P05T IXYS-IXTA140P05T Datasheet
222Kb / 6P
   TrenchP Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
IXTA10P50P IXYS-IXTA10P50P Datasheet
185Kb / 6P
   PolarPTM Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
IXTY32P05T IXYS-IXTY32P05T Datasheet
187Kb / 6P
   TrenchPTM Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com