Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFG60P06E Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # RFG60P06E
Description  60A, 60V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RFG60P06E Datasheet(HTML) 1 Page - Fairchild Semiconductor

  RFG60P06E Datasheet HTML 1Page - Fairchild Semiconductor RFG60P06E Datasheet HTML 2Page - Fairchild Semiconductor RFG60P06E Datasheet HTML 3Page - Fairchild Semiconductor RFG60P06E Datasheet HTML 4Page - Fairchild Semiconductor RFG60P06E Datasheet HTML 5Page - Fairchild Semiconductor RFG60P06E Datasheet HTML 6Page - Fairchild Semiconductor RFG60P06E Datasheet HTML 7Page - Fairchild Semiconductor RFG60P06E Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2002 Fairchild Semiconductor Corporation
RFG60P06E Rev. B
RFG60P06E
60A, 60V, 0.030 Ohm, ESD Rated,
P-Channel Power MOSFET
The RFG60P06E P-Channel power MOSFET is
manufactured using the MegaFET process. This process,
which uses feature sizes approaching those of LSI circuits
gives optimum utilization of silicon, resulting in outstanding
performance. They were designed for use in applications
such as switching regulators, switching converters, motor
drivers and relay drivers. These transistors can be operated
directly from integrated circuits.
The RFG60P06E incorporates ESD protection and is
designed to withstand 2kV (Human Body Model) of ESD.
Formerly developmental type TA09836.
Features
• 60A, 60V
•rDS(ON) = 0.030Ω
• Temperature Compensating PSPICE® Model
• 2kV ESD Rated
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• 175oC Operating Temperature
• Related Literature
Symbol
Packaging
JEDEC STYLE TO-247
Ordering Information
PART NUMBER
PACKAGE
BRAND
RFG60P06E
TO-247
RFG60P06E
NOTE: When ordering use the entire part numberr RFG60P06E.
D
G
S
DRAIN
(BOTTOM
SIDE METAL)
SOURCE
DRAIN
GATE
Data Sheet
January 2002


Similar Part No. - RFG60P06E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFG60P06E INTERSIL-RFG60P06E Datasheet
65Kb / 7P
   60A, 60V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
More results

Similar Description - RFG60P06E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFG60P06E INTERSIL-RFG60P06E Datasheet
65Kb / 7P
   60A, 60V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
RFG60P05E INTERSIL-RFG60P05E Datasheet
94Kb / 7P
   60A, 50V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
logo
Fairchild Semiconductor
RFG60P05E FAIRCHILD-RFG60P05E Datasheet
403Kb / 8P
   60A, 50V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
logo
Intersil Corporation
RFF60P06 INTERSIL-RFF60P06 Datasheet
88Kb / 8P
   25A?? 60V, 0.030 Ohm, P-Channel Power MOSFET
RFT1P06E INTERSIL-RFT1P06E Datasheet
82Kb / 8P
   1.4A, 60V, 0.285 Ohm, ESD Rated, P-Channel Power MOSFET
RFD8P06LE INTERSIL-RFD8P06LE Datasheet
102Kb / 8P
   8A, 60V, 0.300 Ohm, ESD Rated, Logic Level, P-Channel Power MOSFET
RFT3055LE INTERSIL-RFT3055LE Datasheet
96Kb / 10P
   2.0A, 60V, 0.150 Ohm, N-Channel, Logic Level, ESD Rated, Power MOSFET
RF1K49221 INTERSIL-RF1K49221 Datasheet
109Kb / 8P
   2.5A, 60V, 0.130 Ohm, ESD Rated, Dual N-Channel LittleFET??Power MOSFET
logo
Unisonic Technologies
60N06 UTC-60N06_12 Datasheet
316Kb / 8P
   60A, 60V N-CHANNEL POWER MOSFET
logo
Intersil Corporation
RFP150N INTERSIL-RFP150N Datasheet
127Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com