Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB105 Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # DB105
Description  GLASS PASSIVATED BRIDEG RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

DB105 Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  DB105 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. DB105 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
DB101 thru DB107
FEATURES
Rating to 1000V PRV
Ideal for printed circuit board
Low forward voltage drop,high current capability
Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
Lead tin Pb/Sn copper
The plastic material has UL flammability
classification 94V-0
MECHANICAL DATA
Polarit: As marked on Body
Weight: 0.02 ounces,0.38 gras
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
DB101
DB102
DB103
DB104
DB105
DB106
DB107
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA=40℃
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 1.0A DC
VF
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Bolcking Voltage
@TJ=125℃
I
2 t Rating for Fusing(t<8.3ms)
I
2t
A
2s
Typical Junction Capacitance Per Element(Note1)
CJ
pF
Typical Thermal Resistance (Note2)
RθJC
℃/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
Note:1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC
IR
uA
10
I(AV)
1.0
with 0.5*0.5"(13*13mm)copper pads.
25
-55 to +150
-55 to +150
2.Thermal resistance from junction to ambient mounted on P.C.B
40
10.4
Dimensions in inches and (millimeters)
A
1.1
500
A
GLASS PASSIVATED
BRIDEG RECTIFIERS
50
IFSM
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 1.0 Amperes
DB
+
~
-
~
.244(6.2)
.256(6.5)
.323(8.2)
.346(8.8)
.134(3.4)
.124(3.15)
.193(4.9)
.155(3.9)
.059
(1.5)
.195(5.0)
.205(5.2)
.018(0.45)
.022(0.55)
SPACING
.350(8.9)
.300(7.6)
.307(7.8)
.335(8.5)
XINGHE ELECTRONICS
星合电子
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017


Similar Part No. - DB105

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB105 RECTRON-DB105 Datasheet
36Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
List of Unclassifed Man...
DB105 ETC2-DB105 Datasheet
172Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
DB105 BILIN-DB105 Datasheet
168Kb / 3P
   SILICON BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
DB105 SECOS-DB105 Datasheet
206Kb / 2P
   1.0AMP Single Phase Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
DB105 YFWDIODE-DB105 Datasheet
438Kb / 3P
   1.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - DB105

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101S HY-DB101S Datasheet
40Kb / 2P
   GLASS PASSIVATED BRIDEG RECTIFIERS
DB101 HY-DB101 Datasheet
39Kb / 2P
   GLASS PASSIVATED BRIDEG RECTIFIERS
DF005 HY-DF005 Datasheet
38Kb / 2P
   GLASS PASSIVATED BRIDEG RECTIFIERS
DB201 HY-DB201 Datasheet
39Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DF2005 HY-DF2005 Datasheet
38Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DF2005S HY-DF2005S Datasheet
38Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DF15005 HY-DF15005 Datasheet
38Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DF15005S HY-DF15005S Datasheet
42Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DB151S HY-DB151S Datasheet
40Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DB151 HY-DB151 Datasheet
40Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com