Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7842KBCZ-5P Datasheet(PDF) 26 Page - Analog Devices

Part # ADV7842KBCZ-5P
Description  Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7842KBCZ-5P Datasheet(HTML) 26 Page - Analog Devices

Back Button ADV7842KBCZ-5P Datasheet HTML 20Page - Analog Devices ADV7842KBCZ-5P Datasheet HTML 21Page - Analog Devices ADV7842KBCZ-5P Datasheet HTML 22Page - Analog Devices ADV7842KBCZ-5P Datasheet HTML 23Page - Analog Devices ADV7842KBCZ-5P Datasheet HTML 24Page - Analog Devices ADV7842KBCZ-5P Datasheet HTML 25Page - Analog Devices ADV7842KBCZ-5P Datasheet HTML 26Page - Analog Devices ADV7842KBCZ-5P Datasheet HTML 27Page - Analog Devices ADV7842KBCZ-5P Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
ADV7842
Rev. B | Page 26 of 28
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-192-AAF-1
1.00
BSC
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
BOTTOM VIEW
15.00
BSC SQ
A1 BALL
CORNER
16
T
1.10 MAX
0.25 MIN
COPLANARITY
0.20
0.70
0.60
0.50
BALL DIAMETER
0.30 MIN
DETAIL A
TOP VIEW
DETAIL A
1.70 MAX
17.20
17.00 SQ
16.80
BALL A1
CORNER
SEATING
PLANE
Figure 10. 256-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
(BC-256-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Notes
Temperature Range
Package Description
Package Option
ADV7842KBCZ-5
2, 3
−10°C to +70°C
256-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-256-3
ADV7842KBCZ-5P
2, 4, 5
−10°C to +70°C
256-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-256-3
EVAL-ADV7842EB1Z
3, 6, 7
Front-End Evaluation Board
EVAL-ADV7842EB2Z
5, 6, 8
Front-End Evaluation Board
1 Z = RoHS Compliant Part.
2 Speed grade: 5 = 170 MHz.
3 This part is programmed with internal HDCP keys. Customers must have HDCP adopter status (consult Digital Content Protection, LLC, for licensing requirements) to
purchase any components with internal HDCP keys.
4 HDCP functionality: P = no HDCP functionality (professional version).
5 Professional version for non-HDCP encrypted applications. Purchaser is not required to be an HDCP adopter.
6 An ATV motherboard is also required to process the ADV7842 digital outputs and achieve video output. An ATV video output board is optional to evaluate
performance through an HDMI transmitter and video encoder.
7 Front-end board for the ATV video evaluation platform, fitted with ADV7842KBCZ-5 decoder.
8 Front-end board for the ATV video evaluation platform, fitted with ADV7842KBCZ-5P decoder.


Similar Part No. - ADV7842KBCZ-5P

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7842KBCZ-5P AD-ADV7842KBCZ-5P Datasheet
406Kb / 28P
   Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics igitizer and 3D Comb Filter Decoder
REV. B
More results

Similar Description - ADV7842KBCZ-5P

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7842 AD-ADV7842 Datasheet
77Kb / 2P
   Dual HDMI 1.4 Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Rev. Sp0
ADV7844 AD-ADV7844 Datasheet
76Kb / 2P
   Quad HDMI 1.4 Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Rev. Sp0
ADV7840 AD-ADV7840 Datasheet
72Kb / 2P
   12-Bit, 170 MHz Video and Graphics Digitizer with 3D Comb Filter Decoder and Quad HDMI 1.3 Receiver
Rev. SpA
ADV7842KBCZ-5 AD-ADV7842KBCZ-5 Datasheet
406Kb / 28P
   Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics igitizer and 3D Comb Filter Decoder
REV. B
ADV7604 AD-ADV7604 Datasheet
80Kb / 2P
   12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
Rev. SpC
ADV7604 AD-ADV7604_13 Datasheet
354Kb / 20P
   12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
logo
Toshiba Semiconductor
TC90A92AFG TOSHIBA-TC90A92AFG Datasheet
466Kb / 34P
   3D comb and Video Decoder
logo
Analog Devices
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7403 AD-ADV7403 Datasheet
452Kb / 24P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7181C AD-ADV7181C Datasheet
475Kb / 20P
   10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com