Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8018 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8018
Description  5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8018 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8018 Datasheet HTML 4Page - Analog Devices AD8018 Datasheet HTML 5Page - Analog Devices AD8018 Datasheet HTML 6Page - Analog Devices AD8018 Datasheet HTML 7Page - Analog Devices AD8018 Datasheet HTML 8Page - Analog Devices AD8018 Datasheet HTML 9Page - Analog Devices AD8018 Datasheet HTML 10Page - Analog Devices AD8018 Datasheet HTML 11Page - Analog Devices AD8018 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
REV. A
AD8018
–8–
THEORY OF OPERATION
The AD8018 is composed of two current feedback amplifiers
capable of delivering 400 mA of output current while swinging
to within 0.5 V of either power supply, and maintaining low
distortion. A differential line driver using the AD8018 can provide
CPE performance on a single 5 V supply. This performance is
enabled by Analog Device’s XFCB process and a novel, two-
stage current feedback architecture featuring a patent-pending
rail-to-rail output stage.
A simplified schematic is shown in Figure 4. Emitter followers
buffer the positive input, VP, to provide low input current and
current noise. The low impedance current feedback summing
junction is at the negative input, VN. The output stage is another
high-gain amplifier used as an integrator to provide frequency
compensation. The complementary common-emitter output
provides the extended output swing.
A current feedback amplifier’s dynamic and distortion performance
is relatively insensitive to its closed-loop signal gain, which is
a distinct advantage over a voltage-feedback architecture. Figure
5 shows a simplified model of a current feedback amplifier. The
feedback signal is a current into the inverting node. RIN is inversely
proportional to the transconductance of the amplifier’s input stage,
gmi. Circuit analysis of the pictured follower with gain yields:
VV
G
T
TR
G
R
OUT
IN
ZS
ZS
F
IN
/
()
()
++ ×
where:
GR R
T
R
CR
Rg
FG
ZS
T
S
TT
IN
mi
=+
=
+
=≅
1
1
1
125
/
()
/
()
Recognizing that G
RIN < RF, and that the –3 dB point is set
when TZ(S) = RF, one can see that the amplifier’s bandwidth
depends primarily on the feedback resistor. There is a value of
RF below which the amplifier will be unstable, as an actual ampli-
fier will have additional poles that will contribute excess phase
shift. The optimum value for RF depends on the gain and the
amount of peaking tolerable in the application.
VO
BIAS
VN
VP
Figure 4. Simplified Schematic
G = 1
IT = IIN
CT RT
IIN
VOUT
RG
RF
RIN
+
VIN
VO
+
Figure 5. Model of Current Feedback Amplifier
FEEDBACK RESISTOR SELECTION
In current feedback amplifiers, selection of the feedback and gain
resistors will impact the MTPR performance, bandwidth, noise,
and gain flatness. Care should be exercised in the selection of these
resistors so that the optimum performance is achieved. Table I
shows the recommended resistor values for use in a variety of gain
settings for the test circuit in TPC 1. These values are intended
to be a starting point when designing for any application.
FREQUENCY – Hz
–90
1M
10M
100M
1G
–80
–70
–60
–50
–40
–30
–20
–10
RL = 5
SIDE A DRIVEN
RL = 5
SIDE B DRIVEN
VIN = 2V p-p
G = 2
VS = 2.5
100k
RL = 100
SIDE A DRIVEN
RL = 100
SIDE B DRIVEN
–100
–110
TPC 25. Crosstalk vs. Frequency


Similar Part No. - AD8018

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8018 AD-AD8018 Datasheet
339Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. 0
AD8018AR AD-AD8018AR Datasheet
339Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. 0
AD8018AR-REEL AD-AD8018AR-REEL Datasheet
339Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. 0
AD8018AR-REEL7 AD-AD8018AR-REEL7 Datasheet
340Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. A
AD8018ARU AD-AD8018ARU Datasheet
339Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. 0
More results

Similar Description - AD8018

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8018AR-REEL7 AD-AD8018AR-REEL7 Datasheet
340Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. A
AD8018 AD-AD8018_15 Datasheet
340Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. A
AD8018 AD-AD8018 Datasheet
339Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. 0
AD8397 AD-AD8397_15 Datasheet
246Kb / 16P
   Rail-to-Rail, High Output Current Amplifier
REV. A
AD8397 AD-AD8397 Datasheet
379Kb / 16P
   Rail-to-Rail, High Output Current Amplifier
REV. 0
logo
STMicroelectronics
TS924 STMICROELECTRONICS-TS924 Datasheet
131Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
   Rail-to-rail high output current quad operational amplifier
TS921 STMICROELECTRONICS-TS921_05 Datasheet
371Kb / 14P
   Rail-to-Rail High Output Current Single Operational Amplifier
TS921 STMICROELECTRONICS-TS921 Datasheet
115Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
March 1999
TS922 STMICROELECTRONICS-TS922 Datasheet
117Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
March 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com