Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3842BVD1R2G Datasheet(PDF) 17 Page - ON Semiconductor

Part # UC3842BVD1R2G
Description  High Performance Current Mode Controllers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC3842BVD1R2G Datasheet(HTML) 17 Page - ON Semiconductor

Back Button UC3842BVD1R2G Datasheet HTML 13Page - ON Semiconductor UC3842BVD1R2G Datasheet HTML 14Page - ON Semiconductor UC3842BVD1R2G Datasheet HTML 15Page - ON Semiconductor UC3842BVD1R2G Datasheet HTML 16Page - ON Semiconductor UC3842BVD1R2G Datasheet HTML 17Page - ON Semiconductor UC3842BVD1R2G Datasheet HTML 18Page - ON Semiconductor UC3842BVD1R2G Datasheet HTML 19Page - ON Semiconductor UC3842BVD1R2G Datasheet HTML 20Page - ON Semiconductor UC3842BVD1R2G Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
UC3842B, UC3843B, UC2842B, UC2843B
http://onsemi.com
17
ORDERING INFORMATION
Device
Operating Temperature Range
Package
Shipping
UC2842BDG
TA = −25° to +85°C
SOIC−14
(Pb−Free)
55 Units/Rail
UC2842BD1G
SOIC−8
(Pb−Free)
98 Units/Rail
UC2842BD1R2G
SOIC−8
(Pb−Free)
2500 Tape & Reel
UC2842BNG
PDIP−8
(Pb−Free)
1000 Units/Rail
UC3842BNG
TA = 0° to +70°C
PDIP−8
(Pb−Free)
1000 Units/Rail
UC3842BDG
SOIC−14
(Pb−Free)
55 Units/Rail
UC3842BDR2G
SOIC−14
(Pb−Free)
2500 Tape & Reel
UC3842BD1G
SOIC−8
(Pb−Free)
98 Units/Rail
UC3842BD1R2G
SOIC−8
(Pb−Free)
2500 Tape & Reel
UC3842BVDR2G
TA = −40° to +105°C
SOIC−14
(Pb−Free)
2500 Tape & Reel
UC3842BVD1G
SOIC−8
(Pb−Free)
98 Units/Rail
UC3842BVD1R2G
SOIC−8
(Pb−Free)
2500 Tape & Reel
UC2843BDG
TA = −25° to +85°C
SOIC−14
(Pb−Free)
55 Units/Rail
UC2843BDR2G
SOIC−14
(Pb−Free)
2500 Tape & Reel
UC2843BD1G
SOIC−8
(Pb−Free)
98 Units/Rail
UC2843BD1R2G
TA = −25° to +85°C
SOIC−8
(Pb−Free)
2500 Tape & Reel
UC2843BNG
PDIP−8
(Pb−Free)
1000 Units/Rail
UC2843DD1R2G
TA = −40° to +85°C
SOIC−8
(Pb−Free)
2500 Tape & Reel
UC2843DDR2G
SOIC−8
(Pb−Free)
2500 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - UC3842BVD1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UC3842BVD1R2G ONSEMI-UC3842BVD1R2G Datasheet
370Kb / 21P
   High Performance Current Mode Controllers
February, 2007 ??Rev. 9
UC3842BVD1R2G ONSEMI-UC3842BVD1R2G Datasheet
743Kb / 25P
   High Performance Current Mode Controllers
August, 2021 - Rev. 18
More results

Similar Description - UC3842BVD1R2G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com