Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UC3842BDG Datasheet(PDF) 19 Page - ON Semiconductor

Part No. UC3842BDG
Description  High Performance Current Mode Controllers
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC3842BDG Datasheet(HTML) 19 Page - ON Semiconductor

Back Button UC3842BDG Datasheet HTML 14Page - ON Semiconductor UC3842BDG Datasheet HTML 15Page - ON Semiconductor UC3842BDG Datasheet HTML 16Page - ON Semiconductor UC3842BDG Datasheet HTML 17Page - ON Semiconductor UC3842BDG Datasheet HTML 18Page - ON Semiconductor UC3842BDG Datasheet HTML 19Page - ON Semiconductor UC3842BDG Datasheet HTML 20Page - ON Semiconductor UC3842BDG Datasheet HTML 21Page - ON Semiconductor UC3842BDG Datasheet HTML 22Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
UC3842B, UC3843B, UC2842B, UC2843B
http://onsemi.com
19
SOIC−14
D SUFFIX
CASE 751A
SOIC−8
D1 SUFFIX
CASE 751
MARKING DIAGRAMS
PDIP−8
N SUFFIX
CASE 626
x
= 2 or 3
A
= Assembly Location
WL, L = Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G = Pb−Free Package
UC3843BVN
AWL
YYWWG
1
8
UC384xBVDG
AWLYWW
1
14
384xB
ALYWV
G
1
8
UC384xBN
AWL
YYWWG
1
8
UC284xBN
AWL
YYWWG
1
8
UC384xBDG
AWLYWW
1
14
UC284xBDG
AWLYWW
1
14
384xB
ALYW
G
1
8
284xB
ALYW
G
1
8
UC2843DDG
AWLYWW
1
14
2843D
ALYW
G
1
8


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn