Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UC3842BDG Datasheet(PDF) 12 Page - ON Semiconductor

Part No. UC3842BDG
Description  High Performance Current Mode Controllers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC3842BDG Datasheet(HTML) 12 Page - ON Semiconductor

Back Button UC3842BDG Datasheet HTML 8Page - ON Semiconductor UC3842BDG Datasheet HTML 9Page - ON Semiconductor UC3842BDG Datasheet HTML 10Page - ON Semiconductor UC3842BDG Datasheet HTML 11Page - ON Semiconductor UC3842BDG Datasheet HTML 12Page - ON Semiconductor UC3842BDG Datasheet HTML 13Page - ON Semiconductor UC3842BDG Datasheet HTML 14Page - ON Semiconductor UC3842BDG Datasheet HTML 15Page - ON Semiconductor UC3842BDG Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
UC3842B, UC3843B, UC2842B, UC2843B
http://onsemi.com
12
Figure 21. Continuous Current Waveforms
2(3)
EA
Bias
+
Osc
R
R
R
2R
5(9)
1(1)
4(7)
8(14)
RT
CT
Vref
0.01
The diode clamp is required if the Sync amplitude is large enough to cause the bottom
side of CT to go more than 300 mV below ground.
External
Sync
Input
47
+
R
R
R
2R
Bias
Osc
EA
5(9)
1(1)
2(3)
4(7)
8(14)
To Additional
UCX84XBs
R
S
Q
8
4
6
5
2
1
C
3
7
RA
RB
5.0k
5.0k
5.0k
MC1455
f
+
1.44
(RA ) 2RB)C
D(max) +
RB
RA ) 2RB
+
-
5.0V Ref
+
-
S
R
Q
Bias
+
Osc
R
R
R
2R
EA
1.0V
5(9)
7(11)
6(10)
5(8)
3(5)
RS
Q1
VCC
Vin
1(1)
2(3)
4(7)
8(14)
R1
VClamp
R2
7(12)
Comp/Latch
1.0 mA
Ipk(max) [
VClamp
RS
Where: 0
≤ VClamp ≤ 1.0 V
VClamp
1.67
R2
R1
) 1
+ 0.33x10-3
R1R2
R1 ) R2
Control Voltage
Inductor
Current
Oscillator Period
Control Voltage
Inductor
Current
Oscillator Period
(A)
(B)
m1
m2
t0
t1
t2
t3
m3
m2
t4
t5
t6
DI
m1
DI
Dl ) Dl m2
m1
Dl ) Dl m2
m1
m2
m1
Figure 22. External Clock Synchronization
Figure 23. External Duty Cycle Clamp and
Multi−Unit Synchronization
Figure 24. Adjustable Reduction of Clamp Level


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn