Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTD20N06HDL Datasheet(PDF) 1 Page - Motorola, Inc

Part # MTD20N06HDL
Description  TMOS POWER FET LOGIC LEVEL 20 AMPERES 60 VOLTS RDS(on) = 0.045 OHM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTD20N06HDL Datasheet(HTML) 1 Page - Motorola, Inc

  MTD20N06HDL Datasheet HTML 1Page - Motorola, Inc MTD20N06HDL Datasheet HTML 2Page - Motorola, Inc MTD20N06HDL Datasheet HTML 3Page - Motorola, Inc MTD20N06HDL Datasheet HTML 4Page - Motorola, Inc MTD20N06HDL Datasheet HTML 5Page - Motorola, Inc MTD20N06HDL Datasheet HTML 6Page - Motorola, Inc MTD20N06HDL Datasheet HTML 7Page - Motorola, Inc MTD20N06HDL Datasheet HTML 8Page - Motorola, Inc MTD20N06HDL Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Advance Information
HDTMOS E-FET™
High Density Power FET
DPAK for Surface Mount or
Insertion Mount
N–Channel Enhancement–Mode Silicon Gate
This advanced high–cell density HDTMOS E–FET is designed to
withstand high energy in the avalanche and commutation modes.
The new energy efficient design also offers a drain–to–source
diode with a fast recovery time. Designed for low–voltage,
high–speed switching applications in power supplies, converters
and PWM motor controls, these devices are particularly well suited
for bridge circuits, and inductive loads. The avalanche energy
capability is specified to eliminate the guesswork in designs where
inductive loads are switched, and to offer additional safety margin
against unexpected voltage transients.
• Avalanche Energy Specified
• Source–to–Drain Diode Recovery Time Comparable to a Discrete
Fast Recovery Diode
• Diode is Characterized for Use in Bridge Circuits
• IDSS and VDS(on) Specified at Elevated Temperature
• Surface Mount Package Available in 16 mm, 13–inch/2500
Unit Tape & Reel, Add T4 Suffix to Part Number
• Available in Insertion Mount, Add –1 or 1 to Part Number
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–Source Voltage
VDSS
60
Vdc
Drain–Gate Voltage (RGS = 1.0 MΩ)
VDGR
60
Vdc
Gate–Source Voltage — Continuous
Gate–Source Voltage — Non–Repetitive (tp ≤ 10 ms)
VGS
VGSM
± 15
± 20
Vdc
Vpk
Drain Current — Continuous @ 25
°C
Drain Current — Continuous @ 100
°C
Drain Current — Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
20
12
60
Adc
Apk
Total Power Dissipation
Derate above 25
°C
Total Power Dissipation @ TC = 25°C (1)
PD
40
0.32
1.75
Watts
W/
°C
Watts
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Single Pulse Drain–to–Source Avalanche Energy — Starting TJ = 25°C
(VDD = 25 Vdc, VGS = 5.0 Vdc, IL = 20 Apk, L = 1.0 mH, RG = 25 Ω)
EAS
200
mJ
Thermal Resistance — Junction to Case
Thermal Resistance — Junction to Ambient
Thermal Resistance — Junction to Ambient (1)
R
θJC
R
θJA
R
θJA
3.13
100
71.4
°C/W
Maximum Temperature for Soldering Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
(1) When surface mounted to an FR–4 board using the minimum recommended pad size.
This document contains information on a new product. Specifications and information herein are subject to change without notice.
E–FET and HDTMOS are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Thermal Clad is a trademark of the Bergquist Company.
Preferred devices are Motorola recommended choices for future use and best overall value.
REV 1
Order this document
bt MTD20N06HDL/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1996
D
S
G
MTD20N06HDL
TMOS POWER FET
LOGIC LEVEL
20 AMPERES
60 VOLTS
RDS(on) = 0.045 OHM
Motorola Preferred Device
CASE 369A–13, Style 2
DPAK


Similar Part No. - MTD20N06HDL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTD20N06HDL ONSEMI-MTD20N06HDL Datasheet
227Kb / 8P
   Power MOSFET 20 Amps, 60 Volts, Logic Level N?묬hannel DPAK
August, 2006 ??Rev. 6
MTD20N06HDLT4 ONSEMI-MTD20N06HDLT4 Datasheet
227Kb / 8P
   Power MOSFET 20 Amps, 60 Volts, Logic Level N?묬hannel DPAK
August, 2006 ??Rev. 6
MTD20N06HDLT4G ONSEMI-MTD20N06HDLT4G Datasheet
227Kb / 8P
   Power MOSFET 20 Amps, 60 Volts, Logic Level N?묬hannel DPAK
August, 2006 ??Rev. 6
logo
VBsemi Electronics Co.,...
MTD20N06HDLT4G VBSEMI-MTD20N06HDLT4G Datasheet
897Kb / 6P
   N-Channel 6 0-V (D-S) MOSFET
More results

Similar Description - MTD20N06HDL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD20N06HD MOTOROLA-MTD20N06HD Datasheet
274Kb / 12P
   TMOS POWER FET 20 AMPERES 60 VOLTS RDS(on) = 0.045 OHM
MTD20N03HDL MOTOROLA-MTD20N03HDL Datasheet
250Kb / 12P
   TMOS POWER FET LOGIC LEVEL 20 AMPERES 30 VOLTS RDS(on) = 0.035 OHM
MTD20N06V MOTOROLA-MTD20N06V Datasheet
257Kb / 10P
   TMOS POWER FET 20 AMPERES 60 VOLTS RDS(on) = 0.080 OHM
MTP20N06V MOTOROLA-MTP20N06V Datasheet
209Kb / 8P
   TMOS POWER FET 20 AMPERES 60 VOLTS RDS(on) = 0.080 OHM
MTP60N06HD MOTOROLA-MTP60N06HD Datasheet
217Kb / 8P
   TMOS POWER FET 60 AMPERES 60 VOLTS RDS(on) = 0.014 OHM
MTD20P06HDL MOTOROLA-MTD20P06HDL Datasheet
308Kb / 12P
   TMOS POWER FET LOGIC LEVEL 15 AMPERES 60 VOLTS RDS(on) = 175 MOHM
MTP50P03HDL MOTOROLA-MTP50P03HDL Datasheet
131Kb / 8P
   TMOS POWER FET LOGIC LEVEL 50 AMPERES 30 VOLTS RDS(on) = 0.025 OHM
MTD20P03HDL MOTOROLA-MTD20P03HDL Datasheet
244Kb / 12P
   TMOS POWER FET LOGIC LEVEL 19 AMPERES 30 VOLTS RDS(on) = 0.099 OHM
MTP50N06V MOTOROLA-MTP50N06V Datasheet
179Kb / 8P
   TMOS POWER FET 42 AMPERES 60 VOLTS RDS(on) = 0.028 OHM
MTP52N06VL MOTOROLA-MTP52N06VL Datasheet
166Kb / 8P
   TMOS POWER FET 52 AMPERES 60 VOLTS RDS(on) = 0.025 OHM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com