Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUP4114HMR6T1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NUP4114HMR6T1G
Description  Transient Voltage Suppressors ESD Protection Diodes with Low
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUP4114HMR6T1G Datasheet(HTML) 7 Page - ON Semiconductor

  NUP4114HMR6T1G Datasheet HTML 1Page - ON Semiconductor NUP4114HMR6T1G Datasheet HTML 2Page - ON Semiconductor NUP4114HMR6T1G Datasheet HTML 3Page - ON Semiconductor NUP4114HMR6T1G Datasheet HTML 4Page - ON Semiconductor NUP4114HMR6T1G Datasheet HTML 5Page - ON Semiconductor NUP4114HMR6T1G Datasheet HTML 6Page - ON Semiconductor NUP4114HMR6T1G Datasheet HTML 7Page - ON Semiconductor NUP4114HMR6T1G Datasheet HTML 8Page - ON Semiconductor NUP4114HMR6T1G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NUP4114 Series, SZNUP4114HMR6T1G
http://onsemi.com
7
PACKAGE DIMENSIONS
TSOP−6
CASE 318G−02
ISSUE U
23
4
5
6
D
1
e
b
E1
A1
A
0.05
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH. MINIMUM
LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL.
4. DIMENSIONS D AND E1 DO NOT INCLUDE MOLD FLASH,
PROTRUSIONS, OR GATE BURRS. MOLD FLASH, PROTRUSIONS, OR
GATE BURRS SHALL NOT EXCEED 0.15 PER SIDE. DIMENSIONS D
AND E1 ARE DETERMINED AT DATUM H.
5. PIN ONE INDICATOR MUST BE LOCATED IN THE INDICATED ZONE.
c
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
DIM
A
MIN
NOM
MAX
MILLIMETERS
0.90
1.00
1.10
A1
0.01
0.06
0.10
b
0.25
0.38
0.50
c
0.10
0.18
0.26
D
2.90
3.00
3.10
E
2.50
2.75
3.00
e
0.85
0.95
1.05
L
0.20
0.40
0.60
0.25 BSC
L2
0
°
10°
1.30
1.50
1.70
E1
E
RECOMMENDED
NOTE 5
L
C
M
H
L2
SEATING
PLANE
GAUGE
PLANE
DETAIL Z
DETAIL Z
0.60
6X
3.20
0.95
6X
0.95
PITCH
DIMENSIONS: MILLIMETERS
M


Similar Part No. - NUP4114HMR6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP4114HMR6T1G ONSEMI-NUP4114HMR6T1G Datasheet
198Kb / 9P
   Transient Voltage Suppressors Low Capacitance ESD Protection for High Speed Data Lines
January, 2010 ??Rev. 3
NUP4114HMR6T1G ONSEMI-NUP4114HMR6T1G Datasheet
169Kb / 9P
   Transient Voltage Suppressors
May, 2011 ??Rev. 4
NUP4114HMR6T1G ONSEMI-NUP4114HMR6T1G Datasheet
138Kb / 9P
   Transient Voltage Suppressors
September, 2014 ??Rev. 3
More results

Similar Description - NUP4114HMR6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SRV05-4MR6 ONSEMI-SRV05-4MR6 Datasheet
183Kb / 9P
   Transient Voltage Suppressors ESD Protection Diodes with Low Clamping Voltage
November, 2009 ??Rev. 0
logo
Shanghai Shunye Electro...
ESD5Z5V0C SY-ESD5Z5V0C Datasheet
298Kb / 2P
   Transient Voltage Suppressors ESD Protection Diodes
logo
AiT Semiconductor Inc.
ESD8L5.0 AITSEMI-ESD8L5.0 Datasheet
500Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSORS ESD PROTECTION DIODES WITH ULTRA-LOW CAPACITANCE
REV1.1
logo
Surge Components
SLESD5L5.0CT1G SURGE-SLESD5L5.0CT1G Datasheet
1Mb / 4P
   Transient Voltage Suppressors ESD Protection Diodes with ultra-low capacitance
logo
First Silicon Co., Ltd
FTV3.3LBUL2 FS-FTV3.3LBUL2 Datasheet
484Kb / 4P
   Transient Voltage Suppressors ESD Protection Diodes with Ultra ??Low Capacitance
FTV05LUT FS-FTV05LUT Datasheet
604Kb / 4P
   Transient Voltage Suppressors for ESD Protection ESD Protection Diodes with Ultra Capacitance
FTV3.3LUT FS-FTV3.3LUT Datasheet
605Kb / 4P
   Transient Voltage Suppressors for ESD Protection ESD Protection Diodes with Ultra Capacitance
FTVL3.3UUL2 FS-FTVL3.3UUL2 Datasheet
491Kb / 4P
   Transient Voltage Suppressors for ESD Protection ESD Protection Diodes with Ultra Capacitance
logo
ON Semiconductor
ESD5482MUT5G ONSEMI-ESD5482MUT5G Datasheet
121Kb / 5P
   Transient Voltage Suppressors Micro.Packaged Diodes for ESD Protection
October, 2012 ??Rev. 0
ESD5484FCT5G ONSEMI-ESD5484FCT5G Datasheet
132Kb / 6P
   Transient Voltage Suppressors Micro.Packaged Diodes for ESD Protection
June, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com