Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMM02040E1BB3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SMM02040E1BB3
Description  Thin Film Mini-MELF Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMM02040E1BB3 Datasheet(HTML) 6 Page - Vishay Siliconix

  SMM02040E1BB3 Datasheet HTML 1Page - Vishay Siliconix SMM02040E1BB3 Datasheet HTML 2Page - Vishay Siliconix SMM02040E1BB3 Datasheet HTML 3Page - Vishay Siliconix SMM02040E1BB3 Datasheet HTML 4Page - Vishay Siliconix SMM02040E1BB3 Datasheet HTML 5Page - Vishay Siliconix SMM02040E1BB3 Datasheet HTML 6Page - Vishay Siliconix SMM02040E1BB3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Document Number: 20004
For technical questions, contact: melf@vishay.com
www.vishay.com
Revision: 16-Sep-11
35
SMM0204
Thin Film Mini-MELF Resistors
Vishay Draloric
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) For resistance > 2M21: ± (2.0 % R + 0.05
).
TEST PROCEDURES AND REQUIREMENTS
TEST
CONDITIONS OF TEST
REQUIREMENTS PERMISSIBLE CHANGE (
R)
STABILITY
CLASS 0.25
STABILITY
CLASS 0.5
STABILITY
CLASS 1
STABILITY
CLASS 2
10
 to 332 k
1
 to 10 
< 1
> 332 k
Endurance test at 70 °C
IEC 60115-1, 4.25.1
U =
 U
max.;
1.5 h “on”, 0.5 h “off”
at 70 °C, 1000 h
± (0.25 %
R + 0.05
)
± (0.5 %
R + 0.05
)
at 70 °C, 8000 h
± (0.5 %
R + 0.05
)
± (1.0 %
R + 0.05
)
Endurance at UCT
IEC 60115-1, 4.25.3
at 125 °C, 1000 h
± (0.25 %
R + 0.05
)
± (0.5 %
R + 0.05
)
Damp heat steady state
40 °C/93 % RH
IEC 60115-1, 4.24 and
IEC 60068-2-78
56 days;
U = 0.1 x
;
Umax. = 20 V
± (0.25 %
R + 0.05
)
± (0.5 %
R + 0.05
)
Damp heat steady state
accelerated 85 °C/85 % RH
1000 h;
U = 0.3 x
;
Umax. = 40 V
± 1.0 %
R + 0.05
) (1)
Rapid change of temperature;
1000 cycles
IEC 60115-1, 4.19 and
IEC 60068-2-14
30 min at LCT;
30 min at UCT;
LCT = - 55 °C;
UCT = 125 °C
± (0.25 %
R + 0.05
)
Overload test
IEC 60115-1, 4.13
U = 2.5 x
 2 x U
max.;
2 s
± (0.05 %
R + 0.01
)
± (0.1 %
R + 0.05
)
Electrostatic discharge (HBM)
IEC 60340-3-1
3 positive + 3 negative
discharges 2 kV
± (0.5 %
R + 0.05
)
Resistance to soldering heat
IEC 60115-1, 4.18.2 and
IEC 60068-2-58
Solder bath method
(260 ± 5) °C;
10 s
± (0.05 %
R + 0.01
)
± (0.1 %
R + 0.05
)
APPLICABLE SPECIFICATIONS
• EN 60115-1
Generic specification
• EN 140400
Sectional specification
• EN 140401-803
Detail specification
• IEC 60068-2-x
Variety of environmental test procedures
• IEC 60286-3
Packaging of SMD components
P
70 x R
P
70 x R
P
70 x R
P
70 x R


Similar Part No. - SMM02040E1BB3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMM02040E1BB3 VISHAY-SMM02040E1BB3 Datasheet
179Kb / 12P
   Thin Film Mini-MELF Resistors
Revision: 09-Dec-15
More results

Similar Description - SMM02040E1BB3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMM0204 VISHAY-SMM0204_11 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0204 VISHAY-SMM0204_V01 Datasheet
188Kb / 13P
   Thin Film Mini-MELF Resistors
01-Jan-2022
OMM02040000000B300 VISHAY-OMM02040000000B300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0204 VISHAY-SMM0204_15 Datasheet
146Kb / 11P
   Thin Film Mini-MELF Resistors
Revision: 17-Apr-15
SMM0204 VISHAY-SMM0204_16 Datasheet
179Kb / 12P
   Thin Film Mini-MELF Resistors
Revision: 09-Dec-15
SMM02040C1501FB300 VISHAY-SMM02040C1501FB300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0207 VISHAY-SMM0207_V01 Datasheet
184Kb / 13P
   Thin Film MELF Resistors
01-Jan-2022
SMM0207 VISHAY-SMM0207_15 Datasheet
149Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
SMM0207 VISHAY-SMM0207_11 Datasheet
156Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
logo
Vishay Telefunken
MMU-0102 TFUNK-MMU-0102 Datasheet
205Kb / 14P
   Professional Thin Film MELF Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com