Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFD16N03LSM Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # RFD16N03LSM
Description  16A, 30V, Avalanche Rated N-Channel Logic Level Enhancement-Mode Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RFD16N03LSM Datasheet(HTML) 3 Page - Fairchild Semiconductor

  RFD16N03LSM Datasheet HTML 1Page - Fairchild Semiconductor RFD16N03LSM Datasheet HTML 2Page - Fairchild Semiconductor RFD16N03LSM Datasheet HTML 3Page - Fairchild Semiconductor RFD16N03LSM Datasheet HTML 4Page - Fairchild Semiconductor RFD16N03LSM Datasheet HTML 5Page - Fairchild Semiconductor RFD16N03LSM Datasheet HTML 6Page - Fairchild Semiconductor RFD16N03LSM Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
5-33
RFD16N03L, RFD16N03LSM
Typical Performance Curves
FIGURE 1. SAFE OPERATING AREA CURVE
FIGURE 2. NORMALIZED MAXIMUM TRANSIENT THERMAL
IMPEDANCE
FIGURE 3. MAXIMUM CONTINUOUS DRAIN CURRENT vs
TEMPERATURE
FIGURE 4. PEAK CURRENT CAPABILITY
FIGURE 5. TYPICAL SATURATION CHARACTERISTICS
FIGURE 6. TYPICAL TRANSFER CHARACTERISTICS
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
10
50
1
500
10
1
TC = +25
oC
DC
100
µs
1ms
10ms
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
100
VDSS MAX = 30V
100ms
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC + TC
PDM
t1
t2
.01
.02
.05
0.1
0.2
0.5
t, RECTANGULAR PULSE DURATION (s)
101
10-3
10-2
10-1
100
1
10-5
10-4
2
0.01
0.1
SINGLE PULSE
10
5
0
25
50
75
100
125
150
TC, CASE TEMPERATURE (
oC)
20
175
15
t, PULSE WIDTH (s)
10
10-5
10-4
10-3
10-2
10-1
100
101
TC = +25
oC
100
500
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
I
= I
25
175 - TC
150
FOR TEMPERATURES
ABOVE +25oC DERATE PEAK
CURRENT AS FOLLOWS:
VGS = 10V
VGS = 5V
0
25
0
1.0
2.0
3.0
5.0
50
75
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
PULSE DURATION = 250
µs, T
C = +25
oC
VGS = 4V
VGS = 10V
100
4.0
VGS = 3V
VGS = 5V
VGS = 4.5V
VGS = 3.5V
0
3.0
4.5
6.0
7.5
1.5
0
25
50
75
+175oC
PULSE TEST
PULSE DURATION = 250
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
VGS, GATE-TO-SOURCE VOLTAGE (V)
-55oC
100
+25oC


Similar Part No. - RFD16N03LSM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFD16N03LSM INTERSIL-RFD16N03LSM Datasheet
107Kb / 8P
   16A, 30V, 0.025 Ohm, Logic Level, N-Channel Power MOSFETs
More results

Similar Description - RFD16N03LSM

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RFP30N06LE HARRIS-RFP30N06LE Datasheet
91Kb / 6P
   30A, 60V, ESD Rated, Avalanche Rated, Logic Level N-Channel Enhancement-Mode Power MOSFETs
logo
Fairchild Semiconductor
RFP70N03 FAIRCHILD-RFP70N03 Datasheet
588Kb / 6P
   70A, 30V, Avalanche Rated N-Channel Enhancement-Mode Power MOSFETs
RF1K49088 FAIRCHILD-RF1K49088 Datasheet
153Kb / 7P
   3.5A, 30V, Avalanche Rated, Logic Level, Dual N-Channel LittleFET??Enhancement Mode Power MOSFET
logo
Intersil Corporation
RFD16N03L INTERSIL-RFD16N03L Datasheet
107Kb / 8P
   16A, 30V, 0.025 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Siemens Semiconductor G...
BUZ31L SIEMENS-BUZ31L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
logo
Fairchild Semiconductor
RFG60P03 FAIRCHILD-RFG60P03 Datasheet
104Kb / 6P
   60A, 30V, Avalanche Rated, P-Channel Enhancement-Mode Power MOSFETs
logo
Siemens Semiconductor G...
BUZ70L SIEMENS-BUZ70L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ73L SIEMENS-BUZ73L Datasheet
181Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ100SL SIEMENS-BUZ100SL Datasheet
123Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
BUZ101SL SIEMENS-BUZ101SL Datasheet
132Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com