Electronic Components Datasheet Search |
|
NCP301LSN46T1 Datasheet(PDF) 6 Page - ON Semiconductor |
|
NCP301LSN46T1 Datasheet(HTML) 6 Page - ON Semiconductor |
6 / 26 page NCP300, NCP301 http://onsemi.com 6 ELECTRICAL CHARACTERISTICS (continued) (For all values TA = −40°C to +125°C, unless otherwise noted.) Characteristic Unit Max Typ Min Symbol NCP300/1− 2.8 / NCV300/1− 2.8 P−Channel Source Current, NCP300 (VOUT = 2.4V, Vin = 4.5V) 1.0 9.7 − Reset Output Current (Pin 1, Active High ‘H’ Suffix Devices) IOUT mA N−Channel Sink Current, NCP300, NCP301 (VOUT = 0.5 V, Vin = 5.0 V) 6.3 11 − P−Channel Source Current, NCP300 (VOUT = 0.4 V, Vin = 0.7 V) (VOUT = GND, Vin = 1.5 V) 0.011 0.525 0.04 0.6 − − Propagation Delay Input to Output (Figure 2) ms Complementary Output NCP300 Series Output Transition, High to Low Output Transition, Low to High tpHL tpLH − − 55 115 − 300 N−Channel Open Drain NCP301 Series Output Transition, High to Low Output Transition, Low to High tpHL tpLH − − 55 − − 300 NCP300/1 − 3.0 / NCV300/1 − 3.0 Detector Threshold (Pin 2, Vin Decreasing) (TA = 25°C) (TA = −40°C to 125°C) VDET− 2.94 2.91 3.00 − 3.06 3.09 V Detector Threshold Hysteresis (Pin 2, Vin Increasing) VHYS 0.09 0.15 0.21 V Supply Current (Pin 2) (Vin = 2.87 V) (Vin = 5.0 V) Iin − − 0.25 0.50 0.9 1.3 mA Maximum Operating Voltage (Pin 2) Vin(max) − − 10 V Minimum Operating Voltage (Pin 2) (TA = 25°C) (TA = −40°C to 125°C) Vin(min) − − 0.55 0.65 0.70 0.80 V Reset Output Current (Pin 1, Active Low ‘L’ Suffix Devices) IOUT mA N−Channel Sink Current, NCP300, NCP301 (VOUT = 0.05V, Vin = 0.70V) (VOUT = 0.50V, Vin = 1.5V) 0.01 1.0 0.14 3.5 − − P−Channel Source Current, NCP300 (VOUT = 2.4V, Vin = 4.5V) 1.0 9.7 − Reset Output Current (Pin 1, Active High ‘H’ Suffix Devices) IOUT mA N−Channel Sink Current, NCP300, NCP301 (VOUT = 0.5 V, Vin = 5.0 V) 6.3 11 − P−Channel Source Current, NCP300 (VOUT = 0.4 V, Vin = 0.7 V) (VOUT = GND, Vin = 1.5 V) 0.011 0.525 0.04 0.6 − − Propagation Delay Input to Output (Figure 2) ms Complementary Output NCP300 Series Output Transition, High to Low Output Transition, Low to High tpHL tpLH − − 49 115 − 300 N−Channel Open Drain NCP301 Series Output Transition, High to Low Output Transition, Low to High tpHL tpLH − − 49 − − 300 NCP300/1 − 4.5 / NCV300/1 − 4.5 Detector Threshold (Pin 2, Vin Decreasing) (TA = 25°C) (TA = −40°C to 125°C) VDET− 4.410 4.365 4.500 − 4.590 4.635 V Detector Threshold Hysteresis (Pin 2, Vin Increasing) VHYS 0.135 0.225 0.315 V Supply Current (Pin 2) (Vin = 4.34 V) (Vin = 6.5 V) Iin − − 0.33 0.52 1.0 1.4 mA Maximum Operating Voltage (Pin 2) Vin(max) − − 10 V |
Similar Part No. - NCP301LSN46T1 |
|
Similar Description - NCP301LSN46T1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |