Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1209 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 2SA1209
Description  New Jersey Semi-Conductor Products,
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

2SA1209 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  2SA1209 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 2SA1209

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1209 SANYO-2SA1209 Datasheet
104Kb / 4P
   160V/140mA High-Voltage Switching AF 100W Predriver Applications
2SA1209 SANYO-2SA1209 Datasheet
46Kb / 5P
   160V/140mA High-Voltage Switching and AF 100W Predriver Applications
logo
Inchange Semiconductor ...
2SA1209 ISC-2SA1209 Datasheet
198Kb / 4P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
2SA1209 SAVANTIC-2SA1209 Datasheet
156Kb / 4P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1209 JMNIC-2SA1209 Datasheet
213Kb / 4P
   Silicon PNP Power Transistors
More results

Similar Description - 2SA1209

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N3218 NJSEMI-2N3218 Datasheet
135Kb / 1P
   SPRINGFIELD, NEW JERSEY 07081
2N3278 NJSEMI-2N3278 Datasheet
240Kb / 2P
   SPRINGFIELD, NEW JERSEY 07081
2N3440 NJSEMI-2N3440 Datasheet
207Kb / 2P
   SPRINGFIELD, NEW JERSEY 07081
2N4240 NJSEMI-2N4240 Datasheet
362Kb / 2P
   SPRINGFIELD, NEW JERSEY 07081
2N3235 NJSEMI-2N3235 Datasheet
92Kb / 1P
   SPRINGFIELD, NEW JERSEY 07081
2N3287 NJSEMI-2N3287 Datasheet
164Kb / 2P
   SPRINGFIELD, NEW JERSEY 07081
2N3739 NJSEMI-2N3739 Datasheet
123Kb / 1P
   SPRINGFIELD, NEW JERSEY 07081
2N3494 NJSEMI-2N3494 Datasheet
199Kb / 2P
   SPRINGFIELD, NEW JERSEY 07081
2N5306 NJSEMI-2N5306 Datasheet
158Kb / 1P
   SPRINGFIELD, NEW JERSEY 07091
2N3300 NJSEMI-2N3300 Datasheet
283Kb / 2P
   SPRINGFIELD, NEW JERSEY 07081
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com