Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N1796 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 2N1796
Description  20 STERN ave.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

2N1796 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  2N1796 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 2N1796

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N1796 MICROSEMI-2N1796 Datasheet
155Kb / 3P
   Silicon Controlled Rectifier
2N1796 MICROSEMI-2N1796 Datasheet
163Kb / 3P
   Silicon Controlled Rectifiers
logo
New Jersey Semi-Conduct...
2N1796 NJSEMI-2N1796 Datasheet
78Kb / 1P
   T7A/T7B
2N1796 NJSEMI-2N1796 Datasheet
81Kb / 2P
   Silicon Controlled Rectifiers
logo
Powerex Power Semicondu...
2N1796 POWEREX-2N1796 Datasheet
1Mb / 4P
   Phase Control SCR
More results

Similar Description - 2N1796

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N2368 NJSEMI-2N2368 Datasheet
93Kb / 2P
   20 STERN AVE
2N2890 NJSEMI-2N2890 Datasheet
98Kb / 2P
   20 STERN AVE.
BUV48 NJSEMI-BUV48 Datasheet
186Kb / 1P
   20 STERN AVE. SPREINGFIELD
2N2726 NJSEMI-2N2726 Datasheet
98Kb / 2P
   20 STERN AVE
A6F40 NJSEMI-A6F40 Datasheet
299Kb / 1P
   20 STERN AVE SPRINGFIELD
150K-A NJSEMI-150K-A Datasheet
149Kb / 1P
   20 STERN AVE. SPRINGFIELD, NEW JERSEY 07081
IN3491 NJSEMI-IN3491 Datasheet
44Kb / 1P
   20 STERN AVE. SPRINGFIELD, NEW JERSEY 07081
logo
Toshiba Semiconductor
2SA495 TOSHIBA-2SA495 Datasheet
136Kb / 2P
   20 STERN AVE. SPRINGFIELD, NEW JERSEY 07081
logo
New Jersey Semi-Conduct...
2N3053 NJSEMI-2N3053 Datasheet
82Kb / 1P
   20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
2N2903 NJSEMI-2N2903 Datasheet
102Kb / 1P
   20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com