Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4681DSQ28T1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP4681DSQ28T1G
Description  150 mA, Ultra Low Quiescent Current, Low
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4681DSQ28T1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP4681DSQ28T1G Datasheet HTML 2Page - ON Semiconductor NCP4681DSQ28T1G Datasheet HTML 3Page - ON Semiconductor NCP4681DSQ28T1G Datasheet HTML 4Page - ON Semiconductor NCP4681DSQ28T1G Datasheet HTML 5Page - ON Semiconductor NCP4681DSQ28T1G Datasheet HTML 6Page - ON Semiconductor NCP4681DSQ28T1G Datasheet HTML 7Page - ON Semiconductor NCP4681DSQ28T1G Datasheet HTML 8Page - ON Semiconductor NCP4681DSQ28T1G Datasheet HTML 9Page - ON Semiconductor NCP4681DSQ28T1G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NCP4681, NCP4684
http://onsemi.com
6
TYPICAL CHARACTERISTICS
1.45
1.46
1.47
1.48
1.49
1.50
1.51
1.52
1.53
1.54
1.55
−40
−20
0
20
40
60
80
TJ, JUNCTION TEMPERATURE (°C)
Figure 9. Output Voltage vs. Temperature,
1.5 V Version
VIN = 2.5 V
2.45
2.46
2.47
2.48
2.49
2.50
2.51
2.52
2.53
2.54
2.55
−40
−20
0
20
406080
TJ, JUNCTION TEMPERATURE (°C)
Figure 10. Output Voltage vs. Temperature,
2.5 V Version
VIN = 3.5 V
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
3.35
−40
−20
0
20
40
60
80
TJ, JUNCTION TEMPERATURE (°C)
Figure 11. Output Voltage vs. Temperature,
3.3 V Version
VIN = 4.3 V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
01234
5
VIN, INPUT VOLTAGE (V)
Figure 12. Supply Current vs. Input Voltage
VOUT = 1.5 V
2.5 V
3.3 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
−40
−20
0
2040
6080
TJ, JUNCTION TEMPERATURE (°C)
Figure 13. Supply Current vs. Temperature
VOUT = 1.5 V,
2.5 V, 3.3 V
VIN = VOUT + 1
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
012345
VIN, INPUT VOLTAGE (V)
IOUT = 50 mA
30 mA
1 mA
Figure 14. Output Voltage vs. Input Voltage,
1.5 V Version


Similar Part No. - NCP4681DSQ28T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4681DSQ28T1G ONSEMI-NCP4681DSQ28T1G Datasheet
340Kb / 18P
   Ultra Low Quiescent Current, Low Dropout Regulator
September, 2013 ??Rev. 3
More results

Similar Description - NCP4681DSQ28T1G

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1711 MICROCHIP-MCP1711 Datasheet
1Mb / 36P
   150 mA Ultra-Low Quiescent Current, Capacitorless LDO Regulator
07/14/15
logo
STMicroelectronics
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
   150 mA, ultra-low quiescent current linear voltage regulator
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
logo
Texas Instruments
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
STMicroelectronics
LD39015XX STMICROELECTRONICS-LD39015XX Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39115JXX STMICROELECTRONICS-LD39115JXX Datasheet
1Mb / 23P
   150 mA low quiescent current low noise voltage regulator
LD39015XX08 STMICROELECTRONICS-LD39015XX08 Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39015JXX STMICROELECTRONICS-LD39015JXX Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
LD39015J STMICROELECTRONICS-LD39015J Datasheet
367Kb / 16P
   150 mA low quiescent current low noise voltage regulator
January 2014 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com