Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4681DSQ25T1G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP4681DSQ25T1G
Description  150 mA, Ultra Low Quiescent Current, Low
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4681DSQ25T1G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP4681DSQ25T1G Datasheet HTML 5Page - ON Semiconductor NCP4681DSQ25T1G Datasheet HTML 6Page - ON Semiconductor NCP4681DSQ25T1G Datasheet HTML 7Page - ON Semiconductor NCP4681DSQ25T1G Datasheet HTML 8Page - ON Semiconductor NCP4681DSQ25T1G Datasheet HTML 9Page - ON Semiconductor NCP4681DSQ25T1G Datasheet HTML 10Page - ON Semiconductor NCP4681DSQ25T1G Datasheet HTML 11Page - ON Semiconductor NCP4681DSQ25T1G Datasheet HTML 12Page - ON Semiconductor NCP4681DSQ25T1G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
NCP4681, NCP4684
http://onsemi.com
9
TYPICAL CHARACTERISTICS
Figure 25. Line Transients, 3.3 V Version,
tR = tF = 5 ms, IOUT = 30 mA
3.0
3.1
3.2
3.3
3.4
3.5
3.6
4.3
4.8
5.3
5.8
Figure 26. Load Transients, 1.5 V Version,
IOUT = 50 – 100 mA, tR = tF = 0.5 ms, VIN = 2.5 V
0.9
1.1
1.3
1.5
1.7
1.9
2.1
0
50
100
150
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
t (ms)
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
t (ms)
Figure 27. Load Transients, 2.5 V Version,
IOUT = 50 – 100 mA, tR = tF = 0.5 ms, VIN = 3.5 V
1.9
2.1
2.3
2.5
2.7
2.9
3.1
0
50
100
150
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
t (ms)


Similar Part No. - NCP4681DSQ25T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4681DSQ25T1G ONSEMI-NCP4681DSQ25T1G Datasheet
340Kb / 18P
   Ultra Low Quiescent Current, Low Dropout Regulator
September, 2013 ??Rev. 3
More results

Similar Description - NCP4681DSQ25T1G

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1711 MICROCHIP-MCP1711 Datasheet
1Mb / 36P
   150 mA Ultra-Low Quiescent Current, Capacitorless LDO Regulator
07/14/15
logo
STMicroelectronics
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
   150 mA, ultra-low quiescent current linear voltage regulator
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
logo
Texas Instruments
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
STMicroelectronics
LD39015XX STMICROELECTRONICS-LD39015XX Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39115JXX STMICROELECTRONICS-LD39115JXX Datasheet
1Mb / 23P
   150 mA low quiescent current low noise voltage regulator
LD39015XX08 STMICROELECTRONICS-LD39015XX08 Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39015JXX STMICROELECTRONICS-LD39015JXX Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
LD39015J STMICROELECTRONICS-LD39015J Datasheet
367Kb / 16P
   150 mA low quiescent current low noise voltage regulator
January 2014 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com