Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF1K49211 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # RF1K49211
Description  7A, 12V, 0.020 Ohm, Logic Level, Single N-Channel LittleFET??Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RF1K49211 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  RF1K49211 Datasheet HTML 1Page - Fairchild Semiconductor RF1K49211 Datasheet HTML 2Page - Fairchild Semiconductor RF1K49211 Datasheet HTML 3Page - Fairchild Semiconductor RF1K49211 Datasheet HTML 4Page - Fairchild Semiconductor RF1K49211 Datasheet HTML 5Page - Fairchild Semiconductor RF1K49211 Datasheet HTML 6Page - Fairchild Semiconductor RF1K49211 Datasheet HTML 7Page - Fairchild Semiconductor RF1K49211 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2002 Fairchild Semiconductor Corporation
RF1K49211 Rev. B
Typical Performance Curves
FIGURE 1. NORMALIZED POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
AMBIENT TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. PEAK CURRENT CAPABILITY
TA, AMBIENT TEMPERATURE (
oC)
0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
4
2
0
25
50
75
100
125
150
6
TA, AMBIENT TEMPERATURE (
oC)
8
t1, RECTANGULAR PULSE DURATION (s)
0.01
0.1
1
10
10-3
10-1
100
101
102
103
10-2
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x Z
θJA x RθJA + TA
DUTY CYCLE - DESCENDING ORDER
0.5
0.2
0.1
0.05
0.01
0.02
SINGLE PULSE
10-4
10-5
0.001
VDS, DRAIN TO SOURCE VOLTAGE (V)
110
50
0.01
1
100
10
0.1
0.1
DC
5ms
100ms
1s
10ms
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
VDSS(MAX) = 12V
TJ = MAX RATED
TA = 25
oC
t, PULSE WIDTH (s)
300
10
1
10-5
10-4
10-3
10-2
10-1
100
101
VGS = 5V
100
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
I
= I25
150 - TA
125
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
TA = 25
oC
RF1K49211


Similar Part No. - RF1K49211

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RF1K49211 INTERSIL-RF1K49211 Datasheet
133Kb / 7P
   7A, 12V, 0.020 Ohm, Logic Level, Single N-Channel LittleFET??Power MOSFET
More results

Similar Description - RF1K49211

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RF1K49211 INTERSIL-RF1K49211 Datasheet
133Kb / 7P
   7A, 12V, 0.020 Ohm, Logic Level, Single N-Channel LittleFET??Power MOSFET
logo
Fairchild Semiconductor
RF1K49090 FAIRCHILD-RF1K49090 Datasheet
252Kb / 8P
   3.5A, 12V, 0.050 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
logo
Intersil Corporation
RF1K49090 INTERSIL-RF1K49090 Datasheet
127Kb / 7P
   3.5A, 12V, 0.050 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
RF1K49093 INTERSIL-RF1K49093 Datasheet
133Kb / 7P
   2.5A, 12V, 0.130 Ohm, Logic Level, Dual P-Channel LittleFET??Power MOSFET
logo
Fairchild Semiconductor
RF1K49156 FAIRCHILD-RF1K49156 Datasheet
221Kb / 8P
   6.3A, 30V, 0.030 Ohm, Logic Level, Single N-Channel LittleFET Power MOSFET
logo
Intersil Corporation
RF1K49156 INTERSIL-RF1K49156 Datasheet
142Kb / 8P
   6.3A, 30V, 0.030 Ohm, Logic Level, Single N-Channel LittleFET Power MOSFET
August 1999
RF1K49092 INTERSIL-RF1K49092 Datasheet
248Kb / 13P
   3.5A/2.5A, 12V, 0.050/0.130 Ohm, Logic Level, Complementary LittleFET??Power MOSFET
logo
Fairchild Semiconductor
RF1K49092 FAIRCHILD-RF1K49092 Datasheet
459Kb / 14P
   3.5A/2.5A, 12V, 0.050/0.130 Ohm, Logic Level, Complementary LittleFET??Power MOSFET
logo
Intersil Corporation
RF1K49088 INTERSIL-RF1K49088 Datasheet
173Kb / 7P
   3.5A, 30V, 0.06 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
RFD7N10LE INTERSIL-RFD7N10LE Datasheet
361Kb / 7P
   7A, 100V, 0.300 Ohm, N-Channel, Logic Level, Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com