Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP582DXV30T2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP582DXV30T2G
Description  Ultra-Fast, Low Noise 150 mA CMOS LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP582DXV30T2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP582DXV30T2G Datasheet HTML 1Page - ON Semiconductor NCP582DXV30T2G Datasheet HTML 2Page - ON Semiconductor NCP582DXV30T2G Datasheet HTML 3Page - ON Semiconductor NCP582DXV30T2G Datasheet HTML 4Page - ON Semiconductor NCP582DXV30T2G Datasheet HTML 5Page - ON Semiconductor NCP582DXV30T2G Datasheet HTML 6Page - ON Semiconductor NCP582DXV30T2G Datasheet HTML 7Page - ON Semiconductor NCP582DXV30T2G Datasheet HTML 8Page - ON Semiconductor NCP582DXV30T2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2009
May, 2009 − Rev. 10
1
Publication Order Number:
NCP582/D
NCP582
Ultra-Fast, Low Noise
150 mA CMOS LDO
Regulator with Enable
The NCP582 series of low dropout regulators are designed for
portable battery powered applications which require precise output
voltage accuracy, low quiescent current, and high ripple rejection.
These devices feature an enable function and are offered in active
low and active high with auto discharge.
The following ceramic capacitors are the recommended values to
be used with these devices; for Vout < 2.5 V, Cin = Cout = 1.0 mF,
Vout w 2.5 V, Cin = Cout = 0.47 mF.
Features
Ultra−Low Dropout Voltage of 220 mV at 150 mA
Low Output Noise of 30 mVrms without Noise Reduction Cap
Excellent Line Regulation of 0.02%/V
Excellent Load Regulation of 22 mV
High Output Voltage Accuracy of "2%
Low Iq Current of 75 mA
Very Low Shutdown Current
Excellent Power Supply Rejection Ratio of 70 dB at f = 1.0 kHz
Wide Output Voltage Range of 1.5 V to 3.3 V
Fast Dynamic Performance
Fold Back Protection Circuit
Low Temperature Drift Coefficient on the Output Voltage of
"100 ppm/°C
Input Voltage up to 6.5 V
These are Pb−Free Devices
Typical Applications
Portable Equipment
Hand−Held Instrumentation
Camcorders and Cameras
Figure 1. Simplified Block Diagram
for Active Low
+
-
Vin
Vref
Current Limit
CE
Vout
GND
+
-
Vin
Vref
Current Limit
CE
Vout
GND
Figure 2. Simplified Block Diagram
for Active High with Auto Discharge
SC−82AB
SQ SUFFIX
CASE 419C
http://onsemi.com
MARKING
DIAGRAMS
1
4
1
6
SOT−563
XV SUFFIX
CASE 463A
XXX
XTT
1
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
X = Device Code
T = Traceability Information
1


Similar Part No. - NCP582DXV30T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
NCP582 ONSEMI-NCP582 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - NCP582DXV30T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
logo
Unisonic Technologies
LR1198 UTC-LR1198 Datasheet
160Kb / 4P
   ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
logo
List of Unclassifed Man...
B4151 ETC1-B4151 Datasheet
52Kb / 4P
   150 mA CMOS Low Dropout LDO
logo
Microchip Technology
MIC5252 MICROCHIP-MIC5252 Datasheet
2Mb / 22P
   150 mA High PSRR, Low Noise 關Cap CMOS LDO
09/14/21
logo
Vishay Siliconix
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHENZHEN FUMAN ELECTRON...
SC9193 FUMAN-SC9193 Datasheet
534Kb / 11P
   150mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com