Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGZ391BPKR Datasheet(PDF) 5 Page - Vishay Siliconix

Part # HGZ391BPKR
Description  Ceramic High Voltage Disc Capacitors, Class 2
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HGZ391BPKR Datasheet(HTML) 5 Page - Vishay Siliconix

  HGZ391BPKR Datasheet HTML 1Page - Vishay Siliconix HGZ391BPKR Datasheet HTML 2Page - Vishay Siliconix HGZ391BPKR Datasheet HTML 3Page - Vishay Siliconix HGZ391BPKR Datasheet HTML 4Page - Vishay Siliconix HGZ391BPKR Datasheet HTML 5Page - Vishay Siliconix HGZ391BPKR Datasheet HTML 6Page - Vishay Siliconix HGZ391BPKR Datasheet HTML 7Page - Vishay Siliconix HGZ391BPKR Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.vishay.com
For technical questions, contact powcap@vishay.com
Document Number: 22161
34
Revision: 31-Jan-06
H..
Vishay Draloric
Ceramic High Voltage Disc Capacitors,
Class 2
* Standard lead configuration, other lead spacing and diameter available on request.
** ± 10 % available on request.
* Standard lead configuration, other lead spacing and diameter available on request.
ORDERING INFORMATION, CERAMIC HIGH VOLTAGE DISC CAPACITORS, 4 KV (DC)
C
(pF)
TOL.
(%)
D x s
(mm)
F ± 1 *
(mm)
d ± 0.05 *
(mm)
V ± 0.5 *
(mm)
CERAMIC
CODE
ORDERING CODE
CLASS 2
K 6000
33
± 20 %
(± 10 %)**
8.0 x 4.5
12.5
0.6
1.9
E
HDE330 BD
KR
47
8.0 x 5.0
2.3
HDE470 BD
KR
68
8.0 x 5.0
HDE680 BD
KR
100
8.0 x 5.0
HDE101 BD
KR
150
8.0 x 5.0
HDE151 BD
KR
220
8.0 x 5.0
HDE221 BD
KR
330
8.0 x 5.0
2.5
HDE331 BD
KR
470
8.0 x 5.0
HDE471 BD
KR
680
9.0 x 5.0
HDE681 BD
KR
1000
10.0 x 5.0
0.8
2.7
HDE102 BD
KR
1500
12.0 x 5.0
HDE152 BD
KR
2200
13.0 x 5.0
HDE222 BD
KR
3300
15.0 x 5.0
HDE332 BD
KR
4700
18.0 x 5.0
HDE472 BD
KR
ORDERING INFORMATION, CERAMIC HIGH VOLTAGE DISC CAPACITORS, 5 KV (DC)
C
(pF)
TOL.
(%)
D x s
(mm)
F ± 1 *
(mm)
d ± 0.05 *
(mm)
V ± 0.5 *
(mm)
CERAMIC
CODE
ORDERING CODE
CLASS 2
K 6000
220
± 20 %
7.0 x 5.0
12.5
0.6
3.8
E
HEE221 BE
KR
330
9.0 x 5.0
0.8
HEE331 BE
KR
680
9.0 x 5.0
HEE681 BE
KR
1000
11.0 x 5.0
HEE102 BE
KR
1500
13.0 x 5.0
HEE152 BE
KR
2200
15.0 x 5.0
HEE222 BE
KR
ORDERING CODE
7th digit
Capacitance tolerance
± 10 % = K
± 20 % = M
10th to 12th digit
Lead configuration (See General Information)
R
14th digit
RoHS Compliant Component


Similar Part No. - HGZ391BPKR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HGZ391 VISHAY-HGZ391 Datasheet
269Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
More results

Similar Description - HGZ391BPKR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFZ102MBFEJ0KR VISHAY-HFZ102MBFEJ0KR Datasheet
259Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
HAZ470 VISHAY-HAZ470 Datasheet
269Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
HSZ100 VISHAY-HSZ100 Datasheet
163Kb / 3P
   Ceramic Disc Capacitors, Class 2
Revision: 31-Jan-06
HCU221KBCDJ0KR VISHAY-HCU221KBCDJ0KR Datasheet
176Kb / 4P
   Ceramic High Voltage Disc Capacitors, Class 1
Revision: 31-Jan-06
HAU100 VISHAY-HAU100 Datasheet
185Kb / 4P
   Ceramic High Voltage Disc Capacitors, Class 1
Revision: 31-Jan-2006
logo
RFE international
2ZU103M501A57B RFE-2ZU103M501A57B_V01 Datasheet
541Kb / 3P
   CERAMIC DISC CAPACITORS CLASS 2 Series: High K
2018.06.21
logo
Vishay Siliconix
HPC VISHAY-HPC Datasheet
87Kb / 4P
   High Voltage Disc Capacitors, 20 kVDC Screw Mounting, Class 2 Ceramic
Revision: 11-Sep-15
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
logo
List of Unclassifed Man...
XC-600140 ETC2-XC-600140 Datasheet
193Kb / 1P
   Class II Ceramic Disc Capacitors
logo
Vishay Siliconix
RLA910 VISHAY-RLA910 Datasheet
230Kb / 6P
   Ceramic Disc Capacitors, Class 1
Revision: 31-Jan-06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com