Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1217A Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1217A
Description  Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1217A Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1217A Datasheet HTML 1Page - ON Semiconductor NCP1217A Datasheet HTML 2Page - ON Semiconductor NCP1217A Datasheet HTML 3Page - ON Semiconductor NCP1217A Datasheet HTML 4Page - ON Semiconductor NCP1217A Datasheet HTML 5Page - ON Semiconductor NCP1217A Datasheet HTML 6Page - ON Semiconductor NCP1217A Datasheet HTML 7Page - ON Semiconductor NCP1217A Datasheet HTML 8Page - ON Semiconductor NCP1217A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
NCP1217, NCP1217A
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (continued) (For typical values TJ =25C, for min/max values TJ =0C to +125C,
Max TJ = 150C, VCC = 11 V unless otherwise noted.)
Characteristic
Pin
Symbol
Min
Typ
Max
Unit
FEEDBACK SECTION (VCC = 11 V, Pin 5 Loaded by 1.0 kΩ)
Internal Pull--Up Resistor
2
Rup
--
19
--
Pin 2 (FB) to Internal Current Setpoint Division Ratio
--
Iratio
--
3.3
--
--
SKIP CYCLE GENERATION
Default Skip Mode Level
1
Vskip
0.93
1.1
1.26
V
Pin 1 Internal Output Impedance
1
Zout
--
27
--
INTERNAL RAMP COMPENSATION
Internal Ramp Level @ 25C(Note 3)
3
Vramp
2.6
2.9
3.2
V
Internal Ramp Resistance to CS Pin
3
Rramp
--
19
--
ADJUSTMENT LATCHOFF LEVEL
Latching Level
1
Vlatch
2.69
3.10
3.42
V
3. A 1.0 MΩ resistor is connected to the ground for the measurement.
TYPICAL CHARACTERISTICS
--50
60
50
20
0
0
TEMPERATURE (C)
80
TEMPERATURE (C)
10
40
50
150
1.8
Figure 3. High Voltage Pin Leakage Current vs.
Temperature
Figure 4. VCCOFF vs. Temperature
Figure 5. VCCMIN vs. Temperature
Figure 6. ICC 1.0 nF Load vs. Temperature
TEMPERATURE (C)
2.2
1.0
2.4
100
--50
13.5
50
12.0
0
11.0
14.0
11.5
12.5
13.0
150
100
--50
50
0
7.0
9.0
TEMPERATURE (C)
7.5
8.0
8.5
150
100
--50
50
0
150
100
1.4
1.6
2.0
1.2
70
30
65 kHz
100 kHz
133 kHz
2.8
3.0
2.6


Similar Part No. - NCP1217A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1217A ONSEMI-NCP1217A Datasheet
195Kb / 18P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2004 ??Rev. 3
NCP1217A ONSEMI-NCP1217A Datasheet
241Kb / 18P
   Enhanced PWM Current?묺ode Controller for High?뭁ower Universal Off?묹ine Supplies
September, 2005 ??Rev. 4
NCP1217A ONSEMI-NCP1217A Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1217A ONSEMI-NCP1217A Datasheet
305Kb / 19P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
April, 2015 ??Rev. 9
NCP1217A2 ONSEMI-NCP1217A2 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
More results

Similar Description - NCP1217A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1217 ONSEMI-NCP1217 Datasheet
195Kb / 18P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2004 ??Rev. 3
NCP1217 ONSEMI-NCP1217_10 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1217A ONSEMI-NCP1217A_15 Datasheet
305Kb / 19P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
April, 2015 ??Rev. 9
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1216 ONSEMI-NCP1216 Datasheet
182Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
September, 2004 ??Rev. 8
NCP1216 ONSEMI-NCP1216_10 Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216AP100G ONSEMI-NCP1216AP100G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com