Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP699SN13T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP699SN13T1G
Description  150 mA CMOS Low Iq LDO with Enable in TSOP-5
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP699SN13T1G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP699SN13T1G Datasheet HTML 1Page - ON Semiconductor NCP699SN13T1G Datasheet HTML 2Page - ON Semiconductor NCP699SN13T1G Datasheet HTML 3Page - ON Semiconductor NCP699SN13T1G Datasheet HTML 4Page - ON Semiconductor NCP699SN13T1G Datasheet HTML 5Page - ON Semiconductor NCP699SN13T1G Datasheet HTML 6Page - ON Semiconductor NCP699SN13T1G Datasheet HTML 7Page - ON Semiconductor NCP699SN13T1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NCP699
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Vin = Vout(nom.) + 1.0 V, Venable = Vin, Cin = 1.0 mF, Cout = 1.0 mF, TA = 25°C,
unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (Iout = 10 mA, TA = −40°C to 85°C)
1.3 V
1.4 V
1.5 V
1.8 V
2.5 V
2.8 V
2.9 V
3.0 V
3.1 V
3.3 V
3.4 V
4.5 V
5.0 V
Vout
1.261
1.358
1.455
1.746
2.425
2.716
2.813
2.910
3.007
3.201
3.298
4.365
4.850
1.3
1.4
1.5
1.8
2.5
2.8
2.9
3.0
3.1
3.3
3.4
4.5
5.0
1.339
1.442
1.545
1.854
2.575
2.884
2.987
3.090
3.193
3.399
3.502
4.635
5.150
V
Line Regulation (Iout = 10 mA)
1.3 V−4.4 V (Vin = Vout(nom.) + 1.0 V to 6.0 V)
4.5 V−5.0 V (Vin = 5.5 V to 6.0 V)
Regline
1.0
1.0
3.0
3.0
mV/V
Load Regulation (Iout = 1.0 mA to 150 mA)
Regload
0.3
0.8
mV/mA
Output Current Limit
1.3 V−3.9 V (Vin = Vout(nom.) + 2.0 V)
4.0 V−5.0 V (Vin = 6.0 V)
Io(nom.)
150
150
240
240
mA
Dropout Voltage (Iout = 150 mA,
Measured at Vout = Vout(nom) −3.0%)
1.3 V
1.4 V
1.5 V
1.8 V
2.5 V
2.8 V
2.9 V
3.0 V
3.1 V
3.3 V
3.4 V
4.5 V − 5.0 V
Vin−Vout
800
750
690
570
400
360
350
340
330
320
300
240
900
850
750
620
450
420
420
400
400
360
360
300
mV
Disable Current (TA = −40°C to 85°C)
(Enable Input = 0 V)
DIS
0.03
1.0
mA
Ground Current (TA = −40°C to 85°C)
(Enable Input = Vin, Iout = 1.0 mA to Io(nom.))
IGND
40
90
mA
Output Short Circuit Current (Vout = 0 V)
1.3 V−3.9 V (Vin = Vout(nom.) + 2.0 V)
4.0 V−5.0 V (Vin = 6.0 V)
Iout(max)
150
150
300
300
600
600
mA
Output Voltage Noise (f = 100 Hz to 100 kHz)
Iout = 30 mA, Cout = 1 mF
Vn
100
mVrms
Ripple Rejection
(f = 120 Hz, 15 mA)
(f = 1.0 kHz, 15 mA)
RR
55
50
dB
Enable Input Threshold Voltage (TA = −40°C to 85°C)
(Voltage Increasing, Output Turns On, Logic High)
(Voltage Decreasing, Output Turns Off, Logic Low)
Vth(en)
0.95
0.3
V
Output Voltage Temperature Coefficient
TC
"100
ppm/°C
3. Maximum package power dissipation limits must be observed.
PD +
TJ(max) *TA
RqJA
4. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.


Similar Part No. - NCP699SN13T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP699SN15T1G ONSEMI-NCP699SN15T1G Datasheet
184Kb / 9P
   150 mA CMOS Low Iq LDO with Enable in TSOP??
March, 2007 ??Rev. 1
NCP699SN18T1G ONSEMI-NCP699SN18T1G Datasheet
184Kb / 9P
   150 mA CMOS Low Iq LDO with Enable in TSOP??
March, 2007 ??Rev. 1
More results

Similar Description - NCP699SN13T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP699 ONSEMI-NCP699 Datasheet
184Kb / 9P
   150 mA CMOS Low Iq LDO with Enable in TSOP??
March, 2007 ??Rev. 1
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
NCP583 ONSEMI-NCP583_07 Datasheet
72Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8
NCP698 ONSEMI-NCP698 Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
NCP698 ONSEMI-NCP698_14 Datasheet
129Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
January, 2014 ??Rev. 2
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
logo
Fairchild Semiconductor
FAN2534 FAIRCHILD-FAN2534 Datasheet
492Kb / 11P
   150 mA CMOS LDO Regulator with Fast Start, Enable
FAN2512 FAIRCHILD-FAN2512 Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2512 FAIRCHILD-FAN2512_10 Datasheet
305Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com