Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP374MU075TXG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP374MU075TXG
Description  Overvoltage Up to 30 and Down to -30 V with Load Switch Function
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP374MU075TXG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP374MU075TXG Datasheet HTML 3Page - ON Semiconductor NCP374MU075TXG Datasheet HTML 4Page - ON Semiconductor NCP374MU075TXG Datasheet HTML 5Page - ON Semiconductor NCP374MU075TXG Datasheet HTML 6Page - ON Semiconductor NCP374MU075TXG Datasheet HTML 7Page - ON Semiconductor NCP374MU075TXG Datasheet HTML 8Page - ON Semiconductor NCP374MU075TXG Datasheet HTML 9Page - ON Semiconductor NCP374MU075TXG Datasheet HTML 10Page - ON Semiconductor NCP374MU075TXG Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
NCP374
http://onsemi.com
10
PCB Recommendations
The under PAD1 of the NCP374 package shall be
connected to an isolated PCB area to increase the heat
transfer if necessary for an application standpoint.
In any case, the PAD1 shall be not connected to any other
potential or GND than the isolated extra copper surface.
ORDERING INFORMATION
Device
Marking
Order
Current Limit
Package
Shipping
NCP374MU075TXG
NCP
374
750 mA
LLGA12 4x4 mm
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NCP374MU075TXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP370 ONSEMI-NCP370 Datasheet
165Kb / 11P
   Positive and Negative Overvoltage Protection with Internal Low RON N-MOSFETs and Reverse Charge Control Pin
December, 2008 ??Rev. 2
NCP370 ONSEMI-NCP370 Datasheet
220Kb / 11P
   Positive and Negative Overvoltage Protection
July, 2011 ??Rev. 6
NCP370MUAITXG ONSEMI-NCP370MUAITXG Datasheet
165Kb / 11P
   Positive and Negative Overvoltage Protection with Internal Low RON N-MOSFETs and Reverse Charge Control Pin
December, 2008 ??Rev. 2
NCP370MUAITXG ONSEMI-NCP370MUAITXG Datasheet
220Kb / 11P
   Positive and Negative Overvoltage Protection
July, 2011 ??Rev. 6
NCP370 ONSEMI-NCP370_11 Datasheet
220Kb / 11P
   Positive and Negative Overvoltage Protection
July, 2011 ??Rev. 6
More results

Similar Description - NCP374MU075TXG

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6TR1000 PASTERNACK-PE6TR1000 Datasheet
343Kb / 3P
   30 Watt RF Load Up To 4.2 GHz With SMA Female Input
logo
Analog Devices
ADA4096-2 AD-ADA4096-2_12 Datasheet
550Kb / 20P
   30 V, Micropower, Overvoltage Protection
REV. A
ADA4096-2 AD-ADA4096-2_14 Datasheet
667Kb / 24P
   30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifiers
ADA4096-2_VA AD-ADA4096-2_VA Datasheet
550Kb / 20P
   30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifier
REV. A
ADA4096-2_1107 AD-ADA4096-2_1107 Datasheet
738Kb / 20P
   30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifier
REV. 0
logo
ON Semiconductor
NCP373 ONSEMI-NCP373 Datasheet
178Kb / 10P
   Load Switch Function
May, 2013 ??Rev. 2
logo
Kinetic Technologies.
KTS1680A KINETIC-KTS1680A Datasheet
500Kb / 9P
   Overvoltage Protected Load Switch with Surge Protection
June 2019 - Revision 04a
KTS1677A KINETIC-KTS1677A Datasheet
620Kb / 15P
   Low RON Load Switch with Overvoltage and Reverse Blocking Protection
September 2021 - Revision 04d
KTS1680C KINETIC-KTS1680C Datasheet
539Kb / 10P
   Overvoltage Protected Load Switch with Surge Protection
October 2021 - Revision 04c
logo
Schurter Inc.
MSM-CS-19 SCHURTER-MSM-CS-19 Datasheet
603Kb / 7P
   Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com