Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74AC11DR2 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC74AC11DR2
Description  Triple 3?묲nput AND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC11DR2 Datasheet(HTML) 7 Page - ON Semiconductor

  MC74AC11DR2 Datasheet HTML 1Page - ON Semiconductor MC74AC11DR2 Datasheet HTML 2Page - ON Semiconductor MC74AC11DR2 Datasheet HTML 3Page - ON Semiconductor MC74AC11DR2 Datasheet HTML 4Page - ON Semiconductor MC74AC11DR2 Datasheet HTML 5Page - ON Semiconductor MC74AC11DR2 Datasheet HTML 6Page - ON Semiconductor MC74AC11DR2 Datasheet HTML 7Page - ON Semiconductor MC74AC11DR2 Datasheet HTML 8Page - ON Semiconductor MC74AC11DR2 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MC74AC11, MC74ACT11
http://onsemi.com
7
PACKAGE DIMENSIONS
SOIC−14
CASE 751A−03
ISSUE H
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.127
(0.005) TOTAL IN EXCESS OF THE D
DIMENSION AT MAXIMUM MATERIAL
CONDITION.
−A−
−B−
G
P 7 PL
14
8
7
1
M
0.25 (0.010)
B M
S
B
M
0.25 (0.010)
A S
T
−T−
F
R X 45
SEATING
PLANE
D 14 PL
K
C
J
M
_
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
8.55
8.75
0.337
0.344
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.008
0.009
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
5.80
6.20
0.228
0.244
R
0.25
0.50
0.010
0.019
__
__
7.04
14X
0.58
14X
1.52
1.27
DIMENSIONS: MILLIMETERS
1
PITCH
SOLDERING FOOTPRINT*
7X
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.


Similar Part No. - MC74AC11DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC11DR2 ONSEMI-MC74AC11DR2 Datasheet
131Kb / 9P
   Triple 3?묲nput AND Gate
October, 2006 ??Rev. 7
MC74AC11DR2G ONSEMI-MC74AC11DR2G Datasheet
131Kb / 9P
   Triple 3?묲nput AND Gate
October, 2006 ??Rev. 7
MC74AC11DR2G ONSEMI-MC74AC11DR2G Datasheet
72Kb / 6P
   Triple 3-Input AND Gate
January, 2015 ??Rev. 8
More results

Similar Description - MC74AC11DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC11DTR2 ONSEMI-MC74AC11DTR2 Datasheet
131Kb / 9P
   Triple 3?묲nput AND Gate
October, 2006 ??Rev. 7
MC10H106 ONSEMI-MC10H106_06 Datasheet
150Kb / 6P
   Triple 4?????묲nput NOR Gate
February, 2006 ??Rev. 9
MC10H105 ONSEMI-MC10H105_06 Datasheet
150Kb / 6P
   Triple 2?????묲nput OR/NOR Gate
February, 2006 ??Rev. 7
NL17SV08XV5T2 ONSEMI-NL17SV08XV5T2 Datasheet
50Kb / 5P
   Single 2?묲nput AND Gate
October, 2005 ??Rev. 4
NL27WZ08 ONSEMI-NL27WZ08_06 Datasheet
62Kb / 5P
   Dual 2?묲nput AND Gate
April, 2006 ??Rev. 4
MC10H104 ONSEMI-MC10H104_06 Datasheet
150Kb / 6P
   Quad 2?묲nput AND Gate
February, 2006 ??Rev. 8
MC74VHCT08A ONSEMI-MC74VHCT08A_06 Datasheet
95Kb / 6P
   Quad 2?묲nput AND Gate
March, 2006 ??Rev. 5
logo
Fairchild Semiconductor
DM74ALS11A FAIRCHILD-DM74ALS11A Datasheet
46Kb / 4P
   Triple 3-Input AND Gate
logo
Hitachi Semiconductor
HD14073B HITACHI-HD14073B Datasheet
49Kb / 4P
   Triple 3-input AND Gate
logo
Motorola, Inc
SN54LS15 MOTOROLA-SN54LS15 Datasheet
123Kb / 4P
   TRIPLE 3-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com