Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT809TSDIGT3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT809TSDIGT3
Description  3-Pin Microprocessor Power Supply Supervisors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT809TSDIGT3 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT809TSDIGT3 Datasheet HTML 1Page - ON Semiconductor CAT809TSDIGT3 Datasheet HTML 2Page - ON Semiconductor CAT809TSDIGT3 Datasheet HTML 3Page - ON Semiconductor CAT809TSDIGT3 Datasheet HTML 4Page - ON Semiconductor CAT809TSDIGT3 Datasheet HTML 5Page - ON Semiconductor CAT809TSDIGT3 Datasheet HTML 6Page - ON Semiconductor CAT809TSDIGT3 Datasheet HTML 7Page - ON Semiconductor CAT809TSDIGT3 Datasheet HTML 8Page - ON Semiconductor CAT809TSDIGT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CAT803, CAT809, CAT810
http://onsemi.com
4
Table 4. ELECTRICAL CHARACTERISTICS
(VCC = Full range, TA = −40°C to +85°C, unless otherwise specified. Typical values at TA = +25°C and VCC = 5 V for the L/H/M/J
versions, VCC = 3.3 V for the T/S versions, VCC = 3 V for the R version and VCC = 2.5 V for the Z/V versions.)
Symbol
Parameter
Conditions
Min
Typ
(Note 1)
Max
Units
VCC Range
TA = 0°C to +70°C
1.0
5.5
V
TA = −40°C to +85°C
1.2
5.5
ICC
Supply Current
TA = −40°C
to +85°C
VCC < 5.5 V, J/L/M/H
8
20
mA
VCC < 3.6 V, R/S/T/Z/V
6
15
VTH
Reset Threshold Voltage
L Threshold
TA = +25°C
4.56
4.63
4.70
V
TA = −40°C to +85°C
4.50
4.75
H Threshold
TA = +25°C
4.48
4.55
4.62
TA = −40°C to +85°C
4.43
4.67
M Threshold
TA = +25°C
4.31
4.38
4.45
TA = −40°C to +85°C
4.25
4.50
J Threshold
TA = +25°C
3.93
4.00
4.06
TA = −40°C to +85°C
3.89
4.10
T Threshold
TA = +25°C
3.04
3.08
3.11
TA = −40°C to +85°C
3.00
3.15
S Threshold
TA = +25°C
2.89
2.93
2.96
TA = −40°C to +85°C
2.85
3.00
R Threshold
TA = +25°C
2.59
2.63
2.66
TA = −40°C to +85°C
2.55
2.70
Z Threshold
TA = +25°C
2.28
2.32
2.35
TA = −40°C to +85°C
2.25
2.38
V Threshold
TA = +25°C
1.58
1.60
1.62
TA = −40°C to +85°C
1.56
1.64
Reset Threshold Tempco
30
ppm/°C
TD
VCC to Reset Delay (Note 2)
VCC = VTH to (VTH − 100 mV)
20
ms
TR
Reset Active Timeout Period
TA = −40°C to +85°C
140
240
460
ms
VOL
RESET Output Voltage Low
(Open−drain active LOW,
CAT803 and push−pull,
active LOW, CAT809)
VCC = VTH min, ISINK = 1.2 mA
CAT803R/S/T/Z, CAT809R/S/T/Z/V
0.3
V
VCC = VTH min, ISINK = 3.2 mA
CAT803J/L/M, CAT809J/L/M/H
0.4
VCC > 1.0 V, ISINK = 50 mA
0.3
VOH
RESET Output Voltage High
(Push−pull, active LOW,
CAT809)
VCC = VTH max, ISOURCE = 500 mA
CAT809R/S/T/Z/V
0.8 VCC
V
VCC = VTH max, ISOURCE = 800 mA
CAT809J/L/M/H
VCC − 1.5
VOL
RESET Output Voltage Low
(Push−pull, active HIGH,
CAT810)
VCC > VTH max, ISINK = 1.2 mA
CAT810R/S/T/Z
0.3
V
VCC > VTH max, ISINK = 3.2 mA
CAT810J/L/M
0.4
VOH
RESET Output Voltage High
(Push−pull, active HIGH,
CAT810)
1.8 V < VCC VTH min,
ISOURCE = 150 mA
0.8 VCC
V
1. Production testing done at TA = +25°C; limits over temperature guaranteed by design only.
2. RESET output for the CAT809; RESET output for the CAT810.


Similar Part No. - CAT809TSDIGT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT809TSDIGT3 ONSEMI-CAT809TSDIGT3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results

Similar Description - CAT809TSDIGT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803TTBI ONSEMI-CAT803TTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT853TTBI-T3 ONSEMI-CAT853TTBI-T3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT803 ONSEMI-CAT803_14 Datasheet
106Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
August, 2014 ??Rev. 34
logo
Catalyst Semiconductor
CAT803 CATALYST-CAT803 Datasheet
790Kb / 14P
   3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT809TTBI-T3 ONSEMI-CAT809TTBI-T3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809LTBI ONSEMI-CAT809LTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
logo
Catalyst Semiconductor
CAT853 CATALYST-CAT853 Datasheet
536Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com