Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE53804 Datasheet(PDF) 4 Page - ON Semiconductor

Part # PE53804
Description  1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PE53804 Datasheet(HTML) 4 Page - ON Semiconductor

  PE53804 Datasheet HTML 1Page - ON Semiconductor PE53804 Datasheet HTML 2Page - ON Semiconductor PE53804 Datasheet HTML 3Page - ON Semiconductor PE53804 Datasheet HTML 4Page - ON Semiconductor PE53804 Datasheet HTML 5Page - ON Semiconductor PE53804 Datasheet HTML 6Page - ON Semiconductor PE53804 Datasheet HTML 7Page - ON Semiconductor PE53804 Datasheet HTML 8Page - ON Semiconductor PE53804 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LM2575, NCV2575
http://onsemi.com
4
DEVICE PARAMETERS
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, Vin = 12 V for the 3.3 V, 5.0 V, and Adjustable version, Vin = 25 V
for the 12 V version, and Vin = 30 V for the 15 V version. ILoad = 200 mA. For typical values TJ = 25°C, for min/max values TJ is the
operating junction temperature range that applies [Note 2], unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
ALL OUTPUT VOLTAGE VERSIONS
Feedback Bias Current (Vout = 5.0 V Adjustable Version Only)
Ib
nA
TJ = 25°C
25
100
TJ = −40 to +125°C
200
Oscillator Frequency Note 3
fosc
kHz
TJ = 25°C
52
TJ = 0 to +125°C
47
58
TJ = −40 to +125°C
42
63
Saturation Voltage (Iout = 1.0 A Note 4)
Vsat
V
TJ = 25°C
1.0
1.2
TJ = −40 to +125°C
1.3
Max Duty Cycle (“on”) Note 5
DC
94
98
%
Current Limit (Peak Current Notes 4 and 3)
ICL
A
TJ = 25°C
1.7
2.3
3.0
TJ = −40 to +125°C
1.4
3.2
Output Leakage Current Notes 6 and 7, TJ = 25°C
IL
mA
Output = 0 V
0.8
2.0
Output = −1.0 V
6.0
20
Quiescent Current Note 6
IQ
mA
TJ = 25°C
5.0
9.0
TJ = −40 to +125°C
11
Standby Quiescent Current (ON/OFF Pin = 5.0 V (“off”))
Istby
mA
TJ = 25°C
15
80
200
TJ = −40 to +125°C
400
ON/OFF Pin Logic Input Level (Test Circuit Figure 14)
V
Vout = 0 V
VIH
TJ = 25°C
2.2
1.4
TJ = −40 to +125°C
2.4
Vout = Nominal Output Voltage
VIL
TJ = 25°C
1.2
1.0
TJ = −40 to +125°C
0.8
ON/OFF Pin Input Current (Test Circuit Figure 14)
mA
ON/OFF Pin = 5.0 V (“off”), TJ = 25°C
IIH
15
30
ON/OFF Pin = 0 V (“on”), TJ = 25°C
IIL
0
5.0
3. The oscillator frequency reduces to approximately 18 kHz in the event of an output short or an overload which causes the regulated output
voltage to drop approximately 40% from the nominal output voltage. This self protection feature lowers the average dissipation of the IC by
lowering the minimum duty cycle from 5% down to approximately 2%.
4. Output (Pin 2) sourcing current. No diode, inductor or capacitor connected to output pin.
5. Feedback (Pin 4) removed from output and connected to 0 V.
6. Feedback (Pin 4) removed from output and connected to +12 V for the Adjustable, 3.3 V, and 5.0 V versions, and +25 V for the 12 V and
15 V versions, to force the output transistor “off”.
7. Vin = 40 V.


Similar Part No. - PE53804

ManufacturerPart #DatasheetDescription
logo
Wuxi U-NIKC Semiconduct...
PE532DX UNIKC-PE532DX Datasheet
822Kb / 8P
   Dual N-Channel Enhancement Mode MOSFET
PE532DY UNIKC-PE532DY Datasheet
764Kb / 8P
   Dual N-Channel Enhancement Mode MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
PE533BA NIKOSEM-PE533BA Datasheet
397Kb / 6P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV 1.0
PE534SA NIKOSEM-PE534SA Datasheet
318Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
PE534SA UNIKC-PE534SA Datasheet
761Kb / 8P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - PE53804

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2575T-15G ONSEMI-LM2575T-15G Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
LM2575 ONSEMI-LM2575_09 Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-ADJ ONSEMI-LM2575T-ADJ Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575_05 Datasheet
364Kb / 28P
   1.0 A, Adjustable Output Voltage, Step?묭own Switching Regulator
November, 2005 ??Rev. 8
LM2575D2T-005 ONSEMI-LM2575D2T-005 Datasheet
461Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down
June, 2009 ??Rev. 11
LM2574 ONSEMI-LM2574 Datasheet
279Kb / 28P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
February, 2002 ??Rev. 5
LM2574 ONSEMI-LM2574_15 Datasheet
234Kb / 26P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
January, 2015 ??Rev. 9
LM2595 ONSEMI-LM2595 Datasheet
572Kb / 25P
   1.0 A, Step-Down Switching Regulator
February, 2009 ??Rev. 2
LM2574 ONSEMI-LM2574_06 Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com