Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTD20N03HDL Datasheet(PDF) 1 Page - Motorola, Inc

Part # MTD20N03HDL
Description  TMOS POWER FET LOGIC LEVEL 20 AMPERES 30 VOLTS RDS(on) = 0.035 OHM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTD20N03HDL Datasheet(HTML) 1 Page - Motorola, Inc

  MTD20N03HDL Datasheet HTML 1Page - Motorola, Inc MTD20N03HDL Datasheet HTML 2Page - Motorola, Inc MTD20N03HDL Datasheet HTML 3Page - Motorola, Inc MTD20N03HDL Datasheet HTML 4Page - Motorola, Inc MTD20N03HDL Datasheet HTML 5Page - Motorola, Inc MTD20N03HDL Datasheet HTML 6Page - Motorola, Inc MTD20N03HDL Datasheet HTML 7Page - Motorola, Inc MTD20N03HDL Datasheet HTML 8Page - Motorola, Inc MTD20N03HDL Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
HDTMOS E-FET.
High Density Power FET
DPAK for Surface Mount
N–Channel Enhancement–Mode Silicon Gate
This advanced HDTMOS power FET is designed to withstand
high energy in the avalanche and commutation modes. This new
energy efficient design also offers a drain–to–source diode with a
fast recovery time. Designed for low voltage, high speed switching
applications in power supplies, converters and PWM motor
controls, these devices are particularly well suited for bridge circuits
where diode speed and commutating safe operating areas are
critical and offer additional safety margin against unexpected
voltage transients.
• Avalanche Energy Specified
• Source–to–Drain Diode Recovery Time Comparable to a Dis-
crete Fast Recovery Diode
• Diode is Characterized for Use in Bridge Circuits
• IDSS and VDS(on) Specified at Elevated Temperature
• Surface Mount Package Available in 16 mm, 13–inch/2500
Unit Tape & Reel, Add T4 Suffix to Part Number
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–Source Voltage
VDSS
30
Vdc
Drain–Gate Voltage (RGS = 1.0 MΩ)
VDGR
30
Vdc
Gate–Source Voltage — Continuous
Gate–Source Voltage — Non–Repetitive (tp ≤ 10 ms)
VGS
VGSM
±15
± 20
Vdc
Vpk
Drain Current — Continuous
Drain Current — Continuous @ 100
°C
Drain Current — Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
20
16
60
Adc
Apk
Total Power Dissipation
Derate above 25
°C
Total Power Dissipation @ TC = 25°C, when mounted with the minimum recommended pad size
PD
74
0.6
1.75
Watts
W/
°C
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Single Pulse Drain–to–Source Avalanche Energy — Starting TJ = 25°C
(VDD = 25 Vdc, VGS = 5.0 Vdc, Peak IL = 20 Apk, L = 1.0 mH, RG = 25 Ω)
EAS
200
mJ
Thermal Resistance — Junction to Case
Thermal Resistance — Junction to Ambient
Thermal Resistance — Junction to Ambient, when mounted with the minimum recommended pad size
R
θJC
R
θJA
R
θJA
1.67
100
71.4
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Designer’s, E–FET, and HDTMOS are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Thermal Clad is a trademark of the Bergquist Company.
Preferred devices are Motorola recommended choices for future use and best overall value.
REV 1
Order this document
by MTD20N03HDL/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
MTD20N03HDL
TMOS POWER FET
LOGIC LEVEL
20 AMPERES
30 VOLTS
RDS(on) = 0.035 OHM
Motorola Preferred Device
D
S
G
CASE 369A–13, Style 2
DPAK


Similar Part No. - MTD20N03HDL

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MTD20N03HDL FREESCALE-MTD20N03HDL Datasheet
739Kb / 38P
   1.5 A Switch-Mode Power Supply with Linear Regulator
logo
ON Semiconductor
MTD20N03HDL ONSEMI-MTD20N03HDL Datasheet
101Kb / 9P
   N-Channel DPAK Power MOSFET
June, 2006 ??Rev. 6
MTD20N03HDL1 ONSEMI-MTD20N03HDL1 Datasheet
101Kb / 9P
   N-Channel DPAK Power MOSFET
June, 2006 ??Rev. 6
MTD20N03HDLG ONSEMI-MTD20N03HDLG Datasheet
101Kb / 9P
   N-Channel DPAK Power MOSFET
June, 2006 ??Rev. 6
MTD20N03HDLT ONSEMI-MTD20N03HDLT Datasheet
101Kb / 9P
   Power MOSFET 20 Amps, 30 Volts, Logic Level
June, 2006 ??Rev. 6
More results

Similar Description - MTD20N03HDL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTW45N10E MOTOROLA-MTW45N10E Datasheet
155Kb / 8P
   TMOS POWER FET 45 AMPERES 100 VOLTS RDS(on) = 0.035 OHM
MTP50P03HDL MOTOROLA-MTP50P03HDL Datasheet
131Kb / 8P
   TMOS POWER FET LOGIC LEVEL 50 AMPERES 30 VOLTS RDS(on) = 0.025 OHM
MTD20P03HDL MOTOROLA-MTD20P03HDL Datasheet
244Kb / 12P
   TMOS POWER FET LOGIC LEVEL 19 AMPERES 30 VOLTS RDS(on) = 0.099 OHM
MTD20N06HDL MOTOROLA-MTD20N06HDL Datasheet
293Kb / 12P
   TMOS POWER FET LOGIC LEVEL 20 AMPERES 60 VOLTS RDS(on) = 0.045 OHM
MTE30N50E MOTOROLA-MTE30N50E Datasheet
229Kb / 8P
   TMOS POWER FET 30 AMPERES 500 VOLTS RDS(on) = 0.150 OHM
MTP30N06VL MOTOROLA-MTP30N06VL Datasheet
207Kb / 8P
   TMOS POWER FET 30 AMPERES 60 VOLTS RDS(on) = 0.050 OHM
MTP30P06V MOTOROLA-MTP30P06V Datasheet
191Kb / 8P
   TMOS POWER FET 30 AMPERES 60 VOLTS RDS(on) = 0.080 OHM
MTP1306 MOTOROLA-MTP1306 Datasheet
171Kb / 8P
   TMOS POWER FET 75 AMPERES 30 VOLTS RDS(on) = 0.0065 OHM
MTD20N06V MOTOROLA-MTD20N06V Datasheet
257Kb / 10P
   TMOS POWER FET 20 AMPERES 60 VOLTS RDS(on) = 0.080 OHM
MTW20N50E MOTOROLA-MTW20N50E Datasheet
193Kb / 8P
   TMOS POWER FET 20 AMPERES 500 VOLTS RDS(on) = 0.24 OHM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com