Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1693-04DE Datasheet(PDF) 1 Page - ON Semiconductor

Part # CM1693-04DE
Description  L-C LCD and Camera EMI Filter Array with ESD Protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1693-04DE Datasheet(HTML) 1 Page - ON Semiconductor

  CM1693-04DE Datasheet HTML 1Page - ON Semiconductor CM1693-04DE Datasheet HTML 2Page - ON Semiconductor CM1693-04DE Datasheet HTML 3Page - ON Semiconductor CM1693-04DE Datasheet HTML 4Page - ON Semiconductor CM1693-04DE Datasheet HTML 5Page - ON Semiconductor CM1693-04DE Datasheet HTML 6Page - ON Semiconductor CM1693-04DE Datasheet HTML 7Page - ON Semiconductor CM1693-04DE Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2013
May, 2013 − Rev. 3
1
Publication Order Number:
CM1693/D
CM1693-04DE,
CM1693-06DE,
CM1693-08DE
L-C LCD and Camera EMI
Filter Array with ESD
Protection
Product Description
The CM1693 is a family of pi−style EMI filter arrays with ESD
protection, which integrates four, six or eight filters (C−L−C) into
a small−form factor, uDFN 0.40 mm pitch package. Each EMI filter
channel is implemented as a 3−pole L−C filter, where the component
values are 10 pF−26 nH−12 pF. The CM1693’s roll−off frequency at
−6 dB attenuation is 300 MHz and can be used in applications where
the data rates are as high as 140 Mbps. The CM1693 also provides
greater than −30 dB attenuation over the 800 MHz to 6 GHz frequency
range. The device includes ESD diodes on every pin that provide
a very high level of protection for sensitive electronic components
against possible electrostatic discharge (ESD). The ESD protection
diodes connected to the filter ports are designed and characterized to
safely dissipate ESD strikes of
±18 kV, which is beyond the maximum
requirement of the IEC61000−4−2 international standard.
This device is particularly well suited for wireless handsets, mobile
LCD modules and PDAs because of its small package format and
easy−to−use pin assignments. In particular, the CM1693 is ideal for
EMI filtering and protecting data and control lines for the LCD display
and camera interface in mobile handsets.
The CM1693 is housed in space saving, low profile, 0.40 mm pitch
uDFN packages in a RoHS compliant, Pb−Free format.
Features
4, 6 or 8 Channels of EMI Filtering with Integrated ESD Protection
Pi−Style EMI Filters in a Capacitor−Inductor−Capacitor (C−L−C)
Network
+18 kV ESD Protection on Each Channel
(IEC 61000−4−2 Level 4, Contact Discharge)
Greater than −35 dB Attenuation (Typical) at 1GHz
uDFN Lead−Free Package with 0.40 mm Lead Pitch:
4−Ch. = 8−Lead uDFN
6−Ch. = 12−Lead uDFN
8−Ch. = 16−Lead uDFN
uDFN Package size:
8−Lead: 1.70 mm x 1.35 mm
12−Lead: 2.50 mm x 1.35 mm
16−Lead: 3.30 mm x 1.35 mm
Increased Robustness Against Vertical Impacts During
Manufacturing Process
These Devices are Pb−Free and are RoHS Compliant
Applications
LCD and Camera Data Lines in Mobile Handsets
I/O Port Protection for Mobile Handsets, Notebook
Computers, PDAs etc.
Handheld PCs/PDAs
LCD and Camera Modules
EMI Filtering for Data Ports in Cell Phones, PDAs
or Notebook Computers.
Wireless Handsets
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
uDFN8
DE SUFFIX
CASE 517BC
ELECTRICAL SCHEMATIC
http://onsemi.com
CM1693−04DE
uDFN−8
(Pb−Free)
3000/Tape & Reel
1 of 4, 6 or 8 EMI/RFI Filter Channels
with Integrated ESD protection
GND
10 pF
26 nH
12 pF
Filter +
ESDn*
Filter +
ESDn*
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
* See Package/Pinout Diagram for expanded pin information
CM1693−06DE
uDFN−12
(Pb−Free)
3000/Tape & Reel
1
8
1
16
uDFN16
DE SUFFIX
CASE 517BE
XXXX
= Specific Device Code
M
= Month Code
G
= Pb−Free Package
(*Note: Microdot may be in either location)
P93 MG
G
1
1
P938 MG
G
uDFN12
DE SUFFIX
CASE 517BD
1
12
1
P936 MG
G
CM1693−08DE
uDFN−16
(Pb−Free)
3000/Tape & Reel


Similar Part No. - CM1693-04DE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1693-06DE ONSEMI-CM1693-06DE Datasheet
143Kb / 6P
   Praetorian L-C LCD and Camera EMI Array with ESD Protection
March 2010 ??Rev. 2
More results

Similar Description - CM1693-04DE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM2006 ONSEMI-CM2006_16 Datasheet
94Kb / 6P
   L-C LCD and Camera EMI Filter Array with ESD Protection
January, 2016 ??Rev. 4
logo
California Micro Device...
CM1460 CALMIRCO-CM1460 Datasheet
347Kb / 7P
   Praetorian??L-C LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1492-06DE ONSEMI-CM1492-06DE Datasheet
155Kb / 6P
   Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM1690 ONSEMI-CM1690 Datasheet
262Kb / 10P
   Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM2006 ONSEMI-CM2006 Datasheet
186Kb / 9P
   Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM1693-06DE ONSEMI-CM1693-06DE Datasheet
143Kb / 6P
   Praetorian L-C LCD and Camera EMI Array with ESD Protection
March 2010 ??Rev. 2
EMI9406 ONSEMI-EMI9406 Datasheet
214Kb / 6P
   PRAETORIAN L-C LCD and Camera EMI Array with ESD Protection
December, 2011 ??Rev. 0
EMI9408 ONSEMI-EMI9408 Datasheet
211Kb / 5P
   PRAETORIAN L-C LCD and Camera EMI Array with ESD Protection
November, 2012 ??Rev. 1
logo
California Micro Device...
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
   LCD and Camera EMI Filter Array with ESD Protection
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com