Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5504BRUZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD5504BRUZ
Description  High Voltage, Quad-Channel 12-Bit Voltage Output DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5504BRUZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5504BRUZ Datasheet HTML 2Page - Analog Devices AD5504BRUZ Datasheet HTML 3Page - Analog Devices AD5504BRUZ Datasheet HTML 4Page - Analog Devices AD5504BRUZ Datasheet HTML 5Page - Analog Devices AD5504BRUZ Datasheet HTML 6Page - Analog Devices AD5504BRUZ Datasheet HTML 7Page - Analog Devices AD5504BRUZ Datasheet HTML 8Page - Analog Devices AD5504BRUZ Datasheet HTML 9Page - Analog Devices AD5504BRUZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD5504
Data Sheet
Rev. B | Page 6 of 20
TIMING CHARACTERISTICS
VDD = 30 V, VLOGIC = 2.3 V to 5.5 V and −40°C < TA < +105°C; all specifications TMIN to TMAX, unless otherwise noted.
Table 4.
Parameter
Limit1
Unit
Test Conditions/Comments
t12
60
ns min
SCLK cycle time
t2
10
ns min
SCLK high time
t3
10
ns min
SCLK low time
t4
25
ns min
SYNC falling edge to SCLK rising edge setup time
t5
15
ns min
Data setup time
t6
5
ns min
Data hold time
t7
0
ns min
SCLK falling edge to SYNC rising edge
t8
20
ns min
Minimum SYNC high time
t9
20
ns min
LDAC pulse width low
t10
50
ns min
SCLK falling edge to LDAC rising edge
t11
15
ns min
CLR pulse width low
t12
100
ns typ
CLR pulse activation time
t13
20
μs typ
ALARM clear time
t14
110
ns min
SCLK cycle time in read mode
t153
55
ns max
SCLK rising edge to SDO valid
t163
25
ns min
SCLK to SDO data hold time
t174
50
μs max
Power-on reset time (this is not shown in the timing diagrams)
t185
50
μs max
Power-on time (this is not shown in the timing diagrams)
t19
5
μs typ
ALARM clear to output amplifier turn on (this is not shown in the timing
diagrams)
1
All input signals are specified with tr = tf = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
2
Maximum SCLK frequency is 16.667 MHz.
3
Under load conditions shown in Figure 2.
4
Time from when the VDD/VLOGIC supplies are powered-up to when a digital interface command can be executed.
5
Time required from execution of power-on software command to when the DAC outputs have settled to 1 V.
VOH (MIN) – VOL (MAX)
2
200µA
IOL
200µA
IOH
TO OUTPUT
PIN
CL
50pF
Figure 2. Load Circuit for SDO Timing Diagram


Similar Part No. - AD5504BRUZ

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AD55 ASTRODYNE-AD55 Datasheet
597Kb / 3P
   55W Single Output with Battery Charging UPS Function
logo
Microchip Technology
AD55 MICROCHIP-AD55 Datasheet
3Mb / 416P
   16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
Astrodyne Corporation
AD55-A ASTRODYNE-AD55-A Datasheet
597Kb / 3P
   55W Single Output with Battery Charging UPS Function
AD55-B ASTRODYNE-AD55-B Datasheet
597Kb / 3P
   55W Single Output with Battery Charging UPS Function
logo
Analog Devices
AD5512A AD-AD5512A Datasheet
1Mb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP
Rev. PrA
More results

Similar Description - AD5504BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
DAC8420 AD-DAC8420_07 Datasheet
1Mb / 24P
   Quad 12-Bit Serial Voltage Output DAC
REV. B
DAC8412 AD-DAC8412 Datasheet
443Kb / 14P
   Quad, 12-Bit DAC Voltage Output with Readback
REV. D
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
   Quad 12-bit Serial Input Voltage Output DAC
logo
Analog Devices
DAC8412FPCZ AD-DAC8412FPCZ Datasheet
479Kb / 20P
   Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
DAC8412AT AD-DAC8412AT Datasheet
479Kb / 20P
   Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
DAC8412AT AD-DAC8412AT Datasheet
479Kb / 20P
   Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
DAC8412 AD-DAC8412_15 Datasheet
479Kb / 20P
   Quad, 12-Bit DAC Voltage Output with Readback
DAC8413 AD-DAC8413_15 Datasheet
479Kb / 20P
   Quad, 12-Bit DAC Voltage Output with Readback
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com