Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5405YCPZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD5405YCPZ
Description  Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5405YCPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5405YCPZ Datasheet HTML 2Page - Analog Devices AD5405YCPZ Datasheet HTML 3Page - Analog Devices AD5405YCPZ Datasheet HTML 4Page - Analog Devices AD5405YCPZ Datasheet HTML 5Page - Analog Devices AD5405YCPZ Datasheet HTML 6Page - Analog Devices AD5405YCPZ Datasheet HTML 7Page - Analog Devices AD5405YCPZ Datasheet HTML 8Page - Analog Devices AD5405YCPZ Datasheet HTML 9Page - Analog Devices AD5405YCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
AD5405
Rev. B | Page 5 of 24
TIMING CHARACTERISTICS
All input signals are specified with tr = tf = 1 ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. VDD = 2.5 V to 5.5 V,
VREF = 10 V, IOUT2 = 0 V, temperature range for Y version: −40°C to +125°C. All specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter1
Limit at TMIN, TMAX
Unit
Conditions/Comments
Write Mode
t1
0
ns min
R/W-to-CS setup time
t2
0
ns min
R/W-to-CS hold time
t3
10
ns min
CS low time
t4
10
ns min
Address setup time
t5
0
ns min
Address hold time
t6
6
ns min
Data setup time
t7
0
ns min
Data hold time
t8
5
ns min
R/W high to CS low
t9
7
ns min
CS min high time
t14
10
ns typ
CS rising-to-LDAC falling time
t15
12
ns typ
LDAC pulse width
t16
10
ns typ
CS rising-to-LDAC rising time
t17
10
ns typ
LDAC falling-to-CS rising time
Data Readback Mode
t10
0
ns typ
Address setup time
t11
0
ns typ
Address hold time
t12
5
ns typ
Data access time
35
ns max
t13
5
ns typ
Bus relinquish time
10
ns max
Update Rate
21.3
MSPS
Consists of CS min high time, CS low time, and output voltage settling time
1 Guaranteed by design and characterization, not subject to production test.
t7
DATA VALID
t6
t2
CS
R/W
DATA
t1
t
2
t13
t12
t3
t
8
t9
DACA/DACB
t4
t5
t11
t10
LDAC2
LDAC1
1ASYNCHRONOUS LDAC UPDATE MODE.
2SYNCHRONOUS LDAC UPDATE MODE.
t16
t14
t15
t17
DATA VALID
Figure 2. Timing Diagram
IOL
200
μA
IOH
200
μA
CL
50pF
TO
OUTPUT
PIN
VOH (MIN) + VOL (MAX)
2
Figure 3. Load Circuit for Data Timing Specifications


Similar Part No. - AD5405YCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5405YCP AD-AD5405YCP Datasheet
925Kb / 24P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. 0
AD5405YCP-REEL AD-AD5405YCP-REEL Datasheet
925Kb / 24P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. 0
AD5405YCP-REEL7 AD-AD5405YCP-REEL7 Datasheet
925Kb / 24P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. 0
More results

Similar Description - AD5405YCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5405 AD-AD5405_15 Datasheet
794Kb / 25P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5405 AD-AD5405 Datasheet
925Kb / 24P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. 0
AD5415 AD-AD5415 Datasheet
868Kb / 28P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Serial Interface
REV. 0
AD5452W AD-AD5452W Datasheet
500Kb / 24P
   12-Bit High Bandwidth Multiplying DAC with Serial Interface
REV. 0
AD5415 AD-AD5415_16 Datasheet
700Kb / 27P
   Dual 12-Bit, High Bandwidth, Multiplying DAC
AD5405 AD-AD5405_18 Datasheet
836Kb / 24P
   Dual 12-Bit, High Bandwidth, Multiplying DAC
AD5447 AD-AD5447_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440 Datasheet
717Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5428 AD-AD5428_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com