Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD848JR2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD848JR2
Description  High Speed, Low Power Monolithic Op Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD848JR2 Datasheet(HTML) 1 Page - Analog Devices

  AD848JR2 Datasheet HTML 1Page - Analog Devices AD848JR2 Datasheet HTML 2Page - Analog Devices AD848JR2 Datasheet HTML 3Page - Analog Devices AD848JR2 Datasheet HTML 4Page - Analog Devices AD848JR2 Datasheet HTML 5Page - Analog Devices AD848JR2 Datasheet HTML 6Page - Analog Devices AD848JR2 Datasheet HTML 7Page - Analog Devices AD848JR2 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD848/AD849
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
High Speed, Low Power
Monolithic Op Amp
FEATURES
725 MHz Gain Bandwidth – AD849
175 MHz Gain Bandwidth – AD848
4.8 mA Supply Current
300 V/ s Slew Rate
80 ns Settling Time to 0.1% for a 10 V Step – AD849
Differential Gain: AD848 = 0.07%, AD849 = 0.08%
Differential Phase: AD848 = 0.08 , AD849 = 0.04
Drives Capacitive Loads
DC PERFORMANCE
3 nV/
√Hz Input Voltage Noise – AD849
85 V/mV Open Loop Gain into a 1 k
Load – AD849
1 mV max Input Offset Voltage
Performance Specified for
5 V and
15 V Operation
Available in Plastic, Hermetic Cerdip and Small Outline
Packages. Chips and MIL-STD-883B Parts Available.
Available in Tape and Reel in Accordance with
EIA-481A Standard
APPLICATIONS
Cable Drivers
8- and 10-Bit Data Acquisition Systems
Video and RF Amplification
Signal Generators
PRODUCT DESCRIPTION
The AD848 and AD849 are high speed, low power monolithic
operational amplifiers. The AD848 is internally compensated so
that it is stable for closed loop gains of 5 or greater. The AD849
is fully decompensated and is stable at gains greater than 24.
The AD848 and AD849 achieve their combination of fast ac
and good dc performance by utilizing Analog Devices’ junction
isolated complementary bipolar (CB) process. This process
enables these op amps to achieve their high speed while only
requiring 4.8 mA of current from the power supplies.
The AD848 and AD849 are members of Analog Devices’ family
of high speed op amps. This family includes, among others, the
AD847 which is unity gain stable, with a gain bandwidth of
50 MHz. For more demanding applications, the AD840,
AD841 and AD842 offer even greater precision and greater
output current drive.
The AD848 and AD849 have good dc performance. When
operating with
±5 V supplies, they offer open loop gains of
13 V/mV (AD848 with a 500
Ω load) and low input offset
voltage of 1 mV maximum. Common-mode rejection is a
minimum of 92 dB. Output voltage swing is
±3 V even into
loads as low as 150
Ω.
APPLICATIONS HIGHLIGHTS
1. The high slew rate and fast settling time of the AD848 and
AD849 make them ideal for video instrumentation circuitry,
low noise pre-amps and line drivers.
2. In order to meet the needs of both video and data acquisition
applications, the AD848 and AD849 are optimized and
tested for
±5 V and ±15 V power supply operation.
3. Both amplifiers offer full power bandwidth greater than
20 MHz (for 2 V p-p with
±5 V supplies).
4. The AD848 and AD849 remain stable when driving any
capacitive load.
5. Laser wafer trimming reduces the input offset voltage to
1 mV maximum on all grades, thus eliminating the need for
external offset nulling in many applications.
6. The AD848 is an enhanced replacement for the LM6164
series and can function as a pin-for-pin replacement for
many high speed amplifiers such as the HA2520/2/5 and
EL2020 in applications where the gain is 5 or greater.
CONNECTION DIAGRAMS
Plastic (N),
Small Outline (R) and
Cerdip (Q) Packages
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
NC = NO CONNECT
NULL
NC
OUTPUT
+VS
NULL
–IN
+IN
–VS
AD848/49
20-Terminal LCC Pinout
NC = NO CONNECT
NC
NC
NC
OFFSET
NULL
NC
NC
NC
NC
V–
14
18
16
17
15
19
20
3
1
2
78
4
6
5
13
12
9
11
10
TOP VIEW
(Not to Scale)
AD848SE/883B
OFFSET
NULL


Similar Part No. - AD848JR2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD848JR2 AD-AD848JR2 Datasheet
259Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
More results

Similar Description - AD848JR2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD847 AD-AD847 Datasheet
241Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD847JNZ AD-AD847JNZ Datasheet
245Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD849 AD-AD849_15 Datasheet
251Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
AD848 AD-AD848 Datasheet
259Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
AD848 AD-AD848_15 Datasheet
250Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
AD848 AD-AD848_17 Datasheet
283Kb / 9P
   High Speed, Low Power Monolithic Op Amp
AD847ARZ AD-AD847ARZ Datasheet
245Kb / 12P
   High Speed, Low Power Monolithic Op Amp
Rev. F
AD847JRZ-REEL7 AD-AD847JRZ-REEL7 Datasheet
172Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD847JRZ AD-AD847JRZ Datasheet
172Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD847 AD-AD847_15 Datasheet
245Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com