Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPF1150K00CHE36101 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CPF1150K00CHE36101
Description  Metal Film Resistors, Industrial Power, Precision, Flameproof
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CPF1150K00CHE36101 Datasheet(HTML) 2 Page - Vishay Siliconix

  CPF1150K00CHE36101 Datasheet HTML 1Page - Vishay Siliconix CPF1150K00CHE36101 Datasheet HTML 2Page - Vishay Siliconix CPF1150K00CHE36101 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CPF
Metal Film Resistors, Industrial Power, Precision, Flameproof
Vishay Dale
Document Number: 31021
For technical questions, contact: ff2aresistors@vishay.com
www.vishay.com
Revision: 11-Mar-10
99
Notes
(1) 1.08 ± 0.125 (27.43 ± 3.18) if tape and reel
• Surface temperatures were taken with an infrared pyrometer in
+ 25 °C still air. Resistors were supported by their leads in test
clips at a point 0.500" (12.70 mm) out from the resistor body ends.
DIMENSIONS
L
1 max.
L
D
1.50 ± 0.125 (1)
[38.10 ± 3.18]
d
GLOBAL
MODEL
DIMENSIONS in inches (millimeters)
LD
L1 max.
d
CPF1
0.240 ± 0.020
(6.10 ± 0.51)
0.090 ± 0.008
(2.29 ± 0.20)
0.310
(7.87)
0.025 ± 0.002
(0.64 ± 0.05)
CPF2
0.344 ± 0.031
(8.74 ± 0.79)
0.145 ± 0.015
(3.68 ± 0.38)
0.425
(10.80)
0.032 ± 0.002
(0.81 ± 0.05)
CPF3
0.555 ± 0.041
(14.10 ± 1.04)
0.180 ± 0.015
(4.57 ± 0.381)
0.650
(16.51)
0.032 ± 0.002
(0.81 ± 0.05)
DERATING
250
200
150
100
50
0
THERMAL RESISTANCE
0
1
2
345
APPLIED POWER IN W
120
100
80
60
40
20
0
- 55
- 25
0
30
60
90
120
150
180
210
240
AMBIENT TEMP. IN °C
70
CPF1
CPF2
CPF3
MATERIAL SPECIFICATIONS
Element
Proprietary nickel-chrome alloy
Core
Cleaned high purity ceramic
Coating
Special high temperature conformal coat
Termination
Standard lead material is solder-coated
Solderable and weldable per
MIL-STD-1276, Type C
MECHANICAL SPECIFICATIONS
Terminal Strength
2 pound pull test
Solderability
Continuous satisfactory coverage
when tested in accordance with
MIL-STD-202, Method 208
PERFORMANCE
TEST
MAX.
ΔR (Typical Test Lots)
Thermal Shock
± 1.0 %
Short Time Overload
± 0.5 %
Low Temperature Operation
± 0.5 %
Moisture Resistance
± 1.5 %
Resistance To Soldering Heat
± 0.5 %
Shock
± 0.5 %
Vibration
± 0.5 %
Terminal Strength
± 0.5 %
Dielectric Withstanding Voltage
± 0.5 %
Life
± 2.0 %


Similar Part No. - CPF1150K00CHE36101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPF105C ETC1-CPF105C Datasheet
57Kb / 10P
   Asymmetric Digital Subscriber Line
logo
XP Power Limited
CPF10US03 XPPOWER-CPF10US03 Datasheet
490Kb / 2P
   AC-DC PCB Mount
CPF10US05 XPPOWER-CPF10US05 Datasheet
490Kb / 2P
   AC-DC PCB Mount
CPF10US12 XPPOWER-CPF10US12 Datasheet
490Kb / 2P
   AC-DC PCB Mount
CPF10US15 XPPOWER-CPF10US15 Datasheet
490Kb / 2P
   AC-DC PCB Mount
More results

Similar Description - CPF1150K00CHE36101

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CPF VISHAY-CPF Datasheet
98Kb / 4P
   Metal Film Resistors, Industrial Power, Precision, Flameproof
Revision: 11-Sep-13
CPF210K000FKE14 VISHAY-CPF210K000FKE14 Datasheet
128Kb / 4P
   Metal Film Resistors, Industrial Power, Precision, Flameproof
Revision: 19-Nov-12
CCF02 VISHAY-CCF02 Datasheet
272Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision 02-Feb-06
CPF21K2000FKE14 VISHAY-CPF21K2000FKE14 Datasheet
242Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision: 05-Oct-05
CCF02 VISHAY-CCF02_15 Datasheet
144Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision: 15-Nov-12
FP000520K0J9500LB VISHAY-FP000520K0J9500LB Datasheet
241Kb / 5P
   Metal Film Resistors, Industrial, Flameproof
Revision: 01-Feb-13
FP VISHAY-FP Datasheet
234Kb / 5P
   Metal Film Resistors, Industrial, Flameproof
Revision: 01-Feb-13
logo
IRC - a TT electronics ...
MFP16K8GR IRCTT-MFP16K8GR Datasheet
23Kb / 2P
   FLAMEPROOF POWER METAL FILM RESISTORS
logo
List of Unclassifed Man...
MFP2-33RJI ETC2-MFP2-33RJI Datasheet
361Kb / 2P
   Flameproof Power Metal Film Resistors
logo
Welwyn Components Limit...
MFP WELWYN-MFP Datasheet
394Kb / 2P
   Flameproof Power Metal Film Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com