Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD711CH Datasheet(PDF) 7 Page - Analog Devices

Part # AD711CH
Description  Precision, Low Cost, High Speed, BiFET Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD711CH Datasheet(HTML) 7 Page - Analog Devices

Back Button AD711CH Datasheet HTML 3Page - Analog Devices AD711CH Datasheet HTML 4Page - Analog Devices AD711CH Datasheet HTML 5Page - Analog Devices AD711CH Datasheet HTML 6Page - Analog Devices AD711CH Datasheet HTML 7Page - Analog Devices AD711CH Datasheet HTML 8Page - Analog Devices AD711CH Datasheet HTML 9Page - Analog Devices AD711CH Datasheet HTML 10Page - Analog Devices AD711CH Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. E
AD711
–7–
OPTIMIZING SETTLING TIME
Most bipolar high-speed D/A converters have current outputs;
therefore, for most applications, an external op amp is required
for current-to-voltage conversion. The settling time of the
converter/op amp combination depends on the settling time of
the DAC and output amplifier. A good approximation is:
t
S Total
= (t
S DAC )
2
+(t
S AMP )
2
(1)
The settling time of an op amp DAC buffer will vary with the
noise gain of the circuit, the DAC output capacitance, and with
the amount of external compensation capacitance across the
DAC output scaling resistor.
Settling time for a bipolar DAC is typically 100 ns to 500 ns.
Previously, conventional op amps have required much longer
settling times than have typical state-of-the-art DACs; therefore,
the amplifier settling time has been the major limitation to a
high-speed voltage-output D-to-A function. The introduction
of the AD711/712 family of op amps with their 1
ms (to ±0.01%
of final value) settling time now permits the full high-speed
capabilities of most modern DACs to be realized.
In addition to a significant improvement in settling time, the
low offset voltage, low offset voltage drift, and high open-loop
gain of the AD711 family assures 12-bit accuracy over the full
operating temperature range.
The excellent high-speed performance of the AD711 is shown
in the oscilloscope photos of Figure 2. Measurements were taken
using a low input capacitance amplifier connected directly to the
summing junction of the AD711 – both photos show the worst
case situation: a full-scale input transition. The DAC’s 4 k
W
[10 k
W 8 kW = 4.4 kW] output impedance together with a 10 kW
feedback resistor produce an op amp noise gain of 3.25. The
current output from the DAC produces a 10 V step at the op
amp output (0 to –10 V Figure 2a, –10 V to 0 V Figure 2b.)
Therefore, with an ideal op amp, settling to
±1/2 LSB (±0.01%)
requires that 375
mV or less appears at the summing junction.
This means that the error between the input and output (that
voltage which appears at the AD711 summing junction) must
be less than 375
mV. As shown in Figure 2, the total settling time
for the AD711/AD565 combination is 1.2 microseconds.
OUTPUT
–10V TO +10V
+15V
0.1 F
10pF
0.1 F
AD711K
DAC
IOUT = 4
IREF
CODE
0.5mA
IREF
20k
19.95k
R1
100
BIPOLAR
OFFSET ADJUST
IO
DAC
OUT
10V
SPAN
–15V
20V
SPAN
5k
5k
5k
10V
MSB
LSB
REF
OUT
VCC
REF
IN
REF
GND
R2
100
GAIN
ADJUST
0.1 F
AD565A
BIPOLAR
OFF
9.95k
–VEE
0.1 F
POWER
GND
Figure 1.
±10 V Voltage Output Bipolar DAC
Figure 2. Settling Characteristics for AD711 with AD565A
a. (Full-Scale Negative Transition)
b. (Full-Scale Positive Transition)


Similar Part No. - AD711CH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD711CH AD-AD711CH Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711CH AD-AD711CH Datasheet
592Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711CH AD-AD711CH Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711CH AD-AD711CH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
More results

Similar Description - AD711CH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711 AD-AD711_02 Datasheet
592Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711JNZ AD-AD711JNZ Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD712 AD-AD712_06 Datasheet
522Kb / 20P
   Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD712 AD-AD712 Datasheet
635Kb / 15P
   Dual Precision, Low Cost, High Speed, BiFET Op Amp
REV. B
AD713 AD-AD713 Datasheet
456Kb / 14P
   Quad Precision, Low Cost, High Speed, BiFET Op Amp
REV. C
AD712 AD-AD712_15 Datasheet
387Kb / 20P
   Precision, Low Cost, High Speed BiFET Dual Op Amp
Rev. H
AD642 AD-AD642 Datasheet
395Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com