Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5203AR10 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5203AR10
Description  4-Channel, 64-Position Digital Potentiometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5203AR10 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5203AR10 Datasheet HTML 4Page - Analog Devices AD5203AR10 Datasheet HTML 5Page - Analog Devices AD5203AR10 Datasheet HTML 6Page - Analog Devices AD5203AR10 Datasheet HTML 7Page - Analog Devices AD5203AR10 Datasheet HTML 8Page - Analog Devices AD5203AR10 Datasheet HTML 9Page - Analog Devices AD5203AR10 Datasheet HTML 10Page - Analog Devices AD5203AR10 Datasheet HTML 11Page - Analog Devices AD5203AR10 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD5203
–8–
REV. 0
–Parametric Test Circuits
V+
DUT
VMS
A
B
W
V+ = VDD
1LSB = V+/64
Figure 26. Potentiometer Divider Nonlinearity Error Test
Circuit (INL, DNL)
NO CONNECT
IW
DUT
VMS
A
B
W
Figure 27. Resistor Position Nonlinearity Error (Rheostat
Operation; R-INL, R-DNL)
IMS
VW
IW = 1V/RNOMINAL
V+
DUT
VMS
A
B
W
VW2 – [VW1 + IW (RAWII RBW)]
IW
V+
VDD
WHERE VW1 = VMS WHEN IW = 0
AND VW2 = VMS WHEN IW = 1/R
RW = ––––––––––––––––––––––––––
Figure 28. Wiper Resistance Test Circuit
PSRR (dB) = 20 LOG
( ––––– )
PSS (%/%) = –––––––
VMS
VDD
VMS%
VDD%
V+ = VDD ± 10%
VDD
VA
~
V+
VMS
A
B
W
Figure 29. Power Supply Sensitivity Test Circuit (PSS,
PSRR)
~
A
B
VIN
2.5V DC
OP279
+5V
VOUT
DUT
W
OFFSET
GND
Figure 30. Inverting Programmable Gain Test Circuit
~
AB
VIN
2.5V
OP279
+5V
VOUT
DUT
W
OFFSET
GND
Figure 31. Noninverting Programmable Gain Test Circuit
+15V
–15V
A
B
VIN
2.5V
OP42
VOUT
DUT
W
OFFSET
GND
~
Figure 32. Gain vs. Frequency Test Circuit
ISW
0 TO VDD
RSW =
0.1V
ISW
CODE = ØØH
0.1V
DUT
B
W
Figure 33. Incremental ON Resistance Test Circuit


Similar Part No. - AD5203AR10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5203AR10 AD-AD5203AR10 Datasheet
259Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5203AR100 AD-AD5203AR100 Datasheet
259Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
More results

Similar Description - AD5203AR10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5203 AD-AD5203_15 Datasheet
262Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5203 AD-AD5203 Datasheet
259Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5171 AD-AD5171 Datasheet
1Mb / 20P
   64-Position OTP Digital Potentiometer
Rev. PrC
AD5273 AD-AD5273 Datasheet
987Kb / 20P
   64-Position OTP Digital Potentiometer
REV. 0
AD5171 AD-AD5171 Datasheet
996Kb / 24P
   64-Position OTP Digital Potentiometer
REV. D
AD5171 AD-AD5171_15 Datasheet
996Kb / 24P
   64-Position OTP Digital Potentiometer
REV. D
AD5227BUJZ100 AD-AD5227BUJZ100 Datasheet
384Kb / 16P
   64-Position Up/DownControl Digital Potentiometer
REV. B
AD5258 AD-AD5258 Datasheet
1Mb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. 0
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5227 AD-AD5227 Datasheet
384Kb / 16P
   64-Position Up/Down Control Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com