Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD817AN Datasheet(PDF) 10 Page - Analog Devices

Part # AD817AN
Description  High Speed, Low Power Wide Supply Range Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD817AN Datasheet(HTML) 10 Page - Analog Devices

Back Button AD817AN Datasheet HTML 4Page - Analog Devices AD817AN Datasheet HTML 5Page - Analog Devices AD817AN Datasheet HTML 6Page - Analog Devices AD817AN Datasheet HTML 7Page - Analog Devices AD817AN Datasheet HTML 8Page - Analog Devices AD817AN Datasheet HTML 9Page - Analog Devices AD817AN Datasheet HTML 10Page - Analog Devices AD817AN Datasheet HTML 11Page - Analog Devices AD817AN Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. B
–10–
AD817
OFFSET NULLING
The input offset voltage of the AD817 is inherently very low.
However, if additional nulling is required, the circuit shown in
Figure 32 can be used. The null range of the AD817 in this con-
figuration is
±15 mV.
AD817 SETTLING TIME
Settling time is comprised primarily of two regions. The first is
the slew time in which the amplifier is overdriven, where the
output voltage rate of change is at its maximum. The second is
the linear time period required for the amplifier to settle to
within a specified percent of the final value.
0.10
0.20
0.15
0.05
0.05
0
0
4
6
10
8
2
0
350
400
300
250
200
150
100
50
Figure 33. Settling Time in ns 0 V to +10 V
Measuring the rapid settling time of AD817 (45 ns to 0.1% and
70 ns to 0.01%–10 V step) requires applying an input pulse with
a very fast edge and an extremely flat top. With the AD817 con-
figured in a gain of –1, a clamped false summing junction re-
sponds when the output error is within the sum of two diode
voltages (ª1 volt). The signal is then amplified 20 times by a
clamped amplifier whose output is connected directly to a sam-
pling oscilloscope. Figures 33 and 34 show the settling time of
the AD817, with a 10 volt step applied.
0.05
0.05
0
0.20
0.10
0.15
–10
–6
–4
0
–2
–8
0
350
400
300
250
200
150
100
50
Figure 34. Settling Time in ns 0 V to –10 V
AD829
100
0.47
µF
0.01
µF
+V
S
0.47
µF
0.01
µF
–V
S
SHORT, DIRECT
CONNECTION TO
TEKTRONIX TYPE 11402
OSCILLOSCOPE PREAMP
INPUT SECTION
SETTLING
OUTPUT
2
×
HP2835
ERROR AMPLIFIER
V
ERROR OUTPUT × 10
2
×
HP2835
1.9k
100
AD817
0.01
µF
+V
S
0.01
µF
2.2
µF
–V
S
2.2
µF
10pF
SCOPE PROBE
CAPACITANCE
TEKTRONIX P6201
FET PROBE TO
TEKTRONIX TYPE
11402
OSCILLOSCOPE
PREAMP INPUT
SECTION
500
5–18pF
DEVICE
UNDER
TEST
NOTE:
USE CIRCUIT BOARD
WITH GROUND PLANE
FALSE
SUMMING
NODE
NULL
ADJUST
1k
100
1k
50
COAX
CABLE
TTL LEVEL
SIGNAL
GENERATOR
50Hz
OUTPUT
7, 8
0 TO
±10V
POWER
SUPPLY
EI&S
DL1A05GM
MERCURY RELAY
ERROR
SIGNAL
OUTPUT
500
50
6
3
2
4
15pF
1M
7
6
3
2
4
5
13
2
1, 14
DIGITAL
GROUND
ANALOG
GROUND
7
Figure 35. Settling Time Test Circuit


Similar Part No. - AD817AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD817AN AD-AD817AN Datasheet
322Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
More results

Similar Description - AD817AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD817 AD-AD817 Datasheet
322Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD817ARZ AD-AD817ARZ Datasheet
226Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD817 AD-AD817_15 Datasheet
226Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD817AR-REEL AD-AD817AR-REEL Datasheet
226Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
logo
SHANGHAI BELLING CO., L...
BL1532TQFN BELLING-BL1532TQFN Datasheet
276Kb / 12P
   Wide Power Supply Range
BL1554 BELLING-BL1554 Datasheet
312Kb / 6P
   Wide Power Supply Range
logo
Analog Devices
AD8278 AD-AD8278 Datasheet
606Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifier, G = 쩍, 2
REV. 0
logo
Renesas Technology Corp
UPC4742MF-DAA RENESAS-UPC4742MF-DAA Datasheet
322Kb / 10P
   Single Power Supply, High Speed, Wide Band, Dual Operational Amplifier
Jul 25, 2012
logo
Texas Instruments
TL499A TI-TL499A Datasheet
114Kb / 8P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI-TL499A_06 Datasheet
195Kb / 10P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com