Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5203ARUZ100 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5203ARUZ100
Description  4-Channel, 64-Position Digital Potentiometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5203ARUZ100 Datasheet(HTML) 4 Page - Analog Devices

  AD5203ARUZ100 Datasheet HTML 1Page - Analog Devices AD5203ARUZ100 Datasheet HTML 2Page - Analog Devices AD5203ARUZ100 Datasheet HTML 3Page - Analog Devices AD5203ARUZ100 Datasheet HTML 4Page - Analog Devices AD5203ARUZ100 Datasheet HTML 5Page - Analog Devices AD5203ARUZ100 Datasheet HTML 6Page - Analog Devices AD5203ARUZ100 Datasheet HTML 7Page - Analog Devices AD5203ARUZ100 Datasheet HTML 8Page - Analog Devices AD5203ARUZ100 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD5203
–4–
REV. 0
PIN FUNCTION DESCRIPTIONS
Pin
No.
Name
Description
1
AGND2
Analog Ground #2*
2
B2
B Terminal RDAC #2
3
A2
A Terminal RDAC #2
4
W2
Wiper RDAC #2, addr = 012
5
AGND4
Analog Ground #4*
6
B4
B Terminal RDAC #4
7
A4
A Terminal RDAC #4
8
W4
Wiper RDAC #4, addr = 112
9
DGND
Digital Ground*
10
SHDN
Active Low Input. Terminal A open circuit.
Shutdown controls Variable Resistors #1
through #4.
11
CS
Chip Select Input, Active Low. When
CS
returns high data in the serial input register
is decoded based on the address bits and
loaded into the target DAC register.
12
SDI
Serial Data Input
13
SDO
Serial Data Output. Open drain transistor
requires pull-up resistor.
14
CLK
Serial Clock Input, positive edge triggered.
15
RS
Active low reset to midscale; sets RDAC
registers to 20H.
16
VDD
Positive power supply, specified for opera-
tion at both +3 V and +5 V.
17
AGND3
Analog Ground #3*
18
W3
Wiper RDAC #3, addr =102
19
A3
A Terminal RDAC #3
20
B3
B Terminal RDAC #3
21
AGND1
Analog Ground #1*
22
W1
Wiper RDAC #1, addr = 002
23
A1
A Terminal RDAC #1
24
B1
B Terminal RDAC #1
*All AGNDs must be connected to DGND voltage potential.
ORDERING GUIDE
Model
k
Temperature Range
Package Descriptions
Package Options
AD5203AN10
10
–40
°C to +85°C
24-Lead Narrow Body Plastic DIP
N-24
AD5203AR10
10
–40
°C to +85°C
24-Lead Wide Body (SOIC)
SOL-24
AD5203ARU10
10
–40
°C to +85°C
24-Lead Thin Surface Mount Package (TSSOP)
RU-24
AD5203AN100
100
–40
°C to +85°C
24-Lead Narrow Body Plastic DIP
N-24
AD5203AR100
100
–40
°C to +85°C
24-Lead Wide Body (SOIC)
SOL-24
AD5203ARU100
100
–40
°C to +85°C
24-Lead Thin Surface Mount Package (TSSOP)
RU-24
PIN CONFIGURATION
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
AD5203
SDI
CS
SHDN
DGND
W4
AGND2
B2
A2
W2
A4
B4
AGND4
SDO
CLK
RS
VDD
AGND3
B1
A1
W1
AGND1
W3
A3
B3
(Not to Scale)


Similar Part No. - AD5203ARUZ100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5203ARU10 AD-AD5203ARU10 Datasheet
259Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5203ARU100 AD-AD5203ARU100 Datasheet
259Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
More results

Similar Description - AD5203ARUZ100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5203 AD-AD5203_15 Datasheet
262Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5203 AD-AD5203 Datasheet
259Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5171 AD-AD5171 Datasheet
1Mb / 20P
   64-Position OTP Digital Potentiometer
Rev. PrC
AD5273 AD-AD5273 Datasheet
987Kb / 20P
   64-Position OTP Digital Potentiometer
REV. 0
AD5171 AD-AD5171 Datasheet
996Kb / 24P
   64-Position OTP Digital Potentiometer
REV. D
AD5171 AD-AD5171_15 Datasheet
996Kb / 24P
   64-Position OTP Digital Potentiometer
REV. D
AD5227BUJZ100 AD-AD5227BUJZ100 Datasheet
384Kb / 16P
   64-Position Up/DownControl Digital Potentiometer
REV. B
AD5258 AD-AD5258 Datasheet
1Mb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. 0
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5227 AD-AD5227 Datasheet
384Kb / 16P
   64-Position Up/Down Control Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com